Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC192
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC192 Datasheet HTML 7Page - Semtech Corporation SC192 Datasheet HTML 8Page - Semtech Corporation SC192 Datasheet HTML 9Page - Semtech Corporation SC192 Datasheet HTML 10Page - Semtech Corporation SC192 Datasheet HTML 11Page - Semtech Corporation SC192 Datasheet HTML 12Page - Semtech Corporation SC192 Datasheet HTML 13Page - Semtech Corporation SC192 Datasheet HTML 14Page - Semtech Corporation SC192 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
Inductor Selection
The inductor values listed in Table 1 will work for nearly
all combinations of output current and output voltages.
After selecting 4.7uH or 10uH for the inductor value two
additional inductor parameters should be considered. The
current rating of the inductor and the DC resistance.
The DC resistance has a great impact on efficiency due
to copper losses. However, small inductors tend to have
higher DC resistance. Therefore a compromise between
size and efficiency will need to be made.
The inductor current must be chosen to prevent the in-
ductor from saturation. The most conservative approach
would be to select an inductor with a saturation current
slightly above the maximum current capability of the
SC192 which is 1.56A peak current for ILIM = Vin or
780mA for ILIM = GND.
A more accurate design of the inductor would be to rate
the inductor for the maximum output current plus the
inductor ripple current that can be calculated as follows:
2
I
I
I
L
)
O(MAX
L(MAX)
Δ
+
=
OUT
IN
OUT
L
V
f
L
V
V
-
1
I
•
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
•
=
Δ
f = Switching frequency
L = Inductor Value
ΔI
L= Peak-to-peak inductor ripple current
I
L = Maximum inductor current
V
OUT = Output voltage
V
IN = Input voltage
C
OUT = Output Capacitance
I
OUT = Output Current
I
OUT(MAX) = Maximum DC Output Current
Output Capacitor Selection
Because the SC192 has external compensation avail-
able, low ESR ceramic capacitors can be used. This elimi-
nates the need for bulky tantalum capacitors. Values for
the output capacitors in Table 1 will work for nearly all
combinations of output current and output voltages. The
equation for determining the size of the output capaci-
tor in terms of minimizing the ripple voltage is given as
follows:
⎟
⎠
⎞
⎜
⎝
⎛
+
•
•
•
Δ
=
Δ
ESR
f
C
8
1
I
V
OUT
L
O
Input Capacitor Selection
The input ripple current can be reduced with properly
selecting the input capacitor. Again, values for the input
capacitors in Table 1 will work for nearly all combina-
tions of input current and output voltages. The input ca-
pacitor should be rated for the maximum input ripple
current calculated as:
PSAVE, Cout = 4.7uF, Lout = 4.7uH
PWM, Cout = 4.7uF, Lout = 4.7uH
Applications Information Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com