Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC192EVB
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC192EVB Datasheet HTML 3Page - Semtech Corporation SC192EVB Datasheet HTML 4Page - Semtech Corporation SC192EVB Datasheet HTML 5Page - Semtech Corporation SC192EVB Datasheet HTML 6Page - Semtech Corporation SC192EVB Datasheet HTML 7Page - Semtech Corporation SC192EVB Datasheet HTML 8Page - Semtech Corporation SC192EVB Datasheet HTML 9Page - Semtech Corporation SC192EVB Datasheet HTML 10Page - Semtech Corporation SC192EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
Evaluation Board Schematic
TP1
VIN
TP4
LX
1.8V
R5
100k
R4
100k
TP6
SY NC
R8
28k
R2
309k
C5
47pF
SY NC
TP7
EN
R1
442k
TP5
VOUT
R3
100k
L1
10uH
VIN
TP2
GND
C6
22uF
TP8
ILIM
EN
U1
SC192
1
2
3
4
5
6
7
8
9
10
VIN
BP
GND
COMP
ADJ
ILIM
SY NC
EN
LX
PGND
C1
10uF
C3
0.1uF
C4
470pF
TP3
COMP
GND
SW1
DIP
R6
1k
VIN
C2
0.1uF
R7
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com