Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC192EVB
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC192EVB Datasheet HTML 1Page - Semtech Corporation SC192EVB Datasheet HTML 2Page - Semtech Corporation SC192EVB Datasheet HTML 3Page - Semtech Corporation SC192EVB Datasheet HTML 4Page - Semtech Corporation SC192EVB Datasheet HTML 5Page - Semtech Corporation SC192EVB Datasheet HTML 6Page - Semtech Corporation SC192EVB Datasheet HTML 7Page - Semtech Corporation SC192EVB Datasheet HTML 8Page - Semtech Corporation SC192EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
SC192
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics
Absolute Maximum Ratings
Unless otherwise noted: VIN = 3.6V, SYNC/PWM = VIN, ILIM = VIN, EN = VIN, T
A =-40 to 85°C. Typical values are at TA = +25°C.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
IV
N
I
7
.
25
.
5V
e
g
a
t
l
o
V
n
o
i
t
a
l
u
g
e
R
J
D
AV
J
D
A
1
3
7
.
05
7
.
09
6
7
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
J
D
AI
J
D
A
V
5
7
.
0
=
J
D
A0
5
-0
0
5A
n
e
g
n
a
R
t
s
u
j
d
A
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
V
J
D
A
V
N
I
V
n
o
i
t
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
5
.
0
-5
.
0
+%
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
D
A
O
L
=
t
n
e
r
r
u
C
r
o
t
c
u
d
n
I
k
a
e
P
A
m
0
0
7
o
t
0
06
.
0%
e
c
n
a
t
s
i
s
e
R
n
O
l
e
n
n
a
h
C
-
PR
P
S
D
I
X
L
A
m
0
0
2
=3
.
0
Ω
e
c
n
a
t
s
i
s
e
R
n
O
l
e
n
n
a
h
C
-
NR
N
S
D
I
X
L
A
m
0
0
2
=4
.
0
Ω
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
* Tied to PCB with 1 square inch, 2 ounce copper.
Note: This device is ESD sensitive. Use of ESD handling precautions is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
t
u
p
n
i
N
I
VV
N
I
7
o
t
3
.
0
-V
t
u
p
n
I
M
W
P
/
C
N
Y
SV
C
N
Y
S
7
o
t
3
.
0
-V
t
u
p
n
I
N
EV
N
E
7
o
t
3
.
0
-V
D
N
G
o
t
D
N
G
PV
N
D
G
P
3
.
0
o
t
3
.
0
-V
e
g
a
tl
o
V
X
LV
X
L
1
+
N
I
V
o
t
1
-V
e
g
a
tl
o
V
M
I
L
IV
M
I
L
I
3
.
0
+
N
I
V
o
t
3
.
0
-V
e
g
a
tl
o
V
J
D
AV
J
D
A
3
.
0
+
N
I
V
o
t
3
.
0
-V
e
g
a
tl
o
V
P
M
O
CV
P
M
O
C
3
.
0
+
N
I
V
o
t
3
.
0
-V
e
g
a
tl
o
V
P
BV
P
B
3
.
0
+
N
I
V
o
t
3
.
0
-
N
I
VV
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
7
5
*
°
W
/
C
D
N
G
o
t
ti
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
Ot
C
S
s
u
o
u
n
it
n
o
Cs
t
n
e
r
r
u
C
X
LI
X
L
6
.
1
+A
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
k
a
e
P
s
0
3
-
s
0
1
)
g
n
ir
e
d
l
o
S
(
R
T
L
M
I
2
9
1
C
S
s
0
4
-
s
0
2
)
g
n
ir
e
d
l
o
S
(
T
R
T
L
M
I
2
9
1
C
S
T
D
A
E
L
0
4
2
0
6
2
°
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
S
0
6
1
+
o
t
5
6
-
°
C
-0.3 to 7.5
-0.3 to 7.5
-0.3 to 7.5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com