Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC192EVB
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC192EVB Datasheet HTML 7Page - Semtech Corporation SC192EVB Datasheet HTML 8Page - Semtech Corporation SC192EVB Datasheet HTML 9Page - Semtech Corporation SC192EVB Datasheet HTML 10Page - Semtech Corporation SC192EVB Datasheet HTML 11Page - Semtech Corporation SC192EVB Datasheet HTML 12Page - Semtech Corporation SC192EVB Datasheet HTML 13Page - Semtech Corporation SC192EVB Datasheet HTML 14Page - Semtech Corporation SC192EVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
SC192 Load Regulation Limits
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
00.2
0.4
0.6
0.811.2
Peak Inductor Current (Amps)
Load Reg Max
Load Reg Typ
Load Reg Min
Shutdown Current vs Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40
0
25
85
125
Temperature (
OC)
Vin = 3.6V
Oscillator Frequency vs Temperature Over VIN
710
715
720
725
730
735
740
745
750
755
760
-60
-40
-20
0
20
40
60
80
100
120
140
Temp (
OC)
Vin = 2.7 V
Vin = 3.6V
Vin = 5.5V
Oscillator Frequency vs VIN Over Temperature
710
715
720
725
730
735
740
745
750
755
760
22.533.544.555.5
6
V
in (Volts)
Temp = -40C
Temp = 0C
Temp = 25C
Temp = 85C
Temp = 125C
Line Regulation at IOUT = 300mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
Input Voltage (Volts)
Vo = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com