Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC624AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC624AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC624AEVB Datasheet HTML 1Page - Semtech Corporation SC624AEVB Datasheet HTML 2Page - Semtech Corporation SC624AEVB Datasheet HTML 3Page - Semtech Corporation SC624AEVB Datasheet HTML 4Page - Semtech Corporation SC624AEVB Datasheet HTML 5Page - Semtech Corporation SC624AEVB Datasheet HTML 6Page - Semtech Corporation SC624AEVB Datasheet HTML 7Page - Semtech Corporation SC624AEVB Datasheet HTML 8Page - Semtech Corporation SC624AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SC624A
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO Electrical Specifications (continued)
Load Regulation
ΔV
LOAD
V
LDO1
= 3.3V, V
IN
= 3.7V,
I
LDO1
= 1mA to 100 mA
25
mV
V
LDO2
= 1.8V, V
IN
= 3.7V,
I
LDO2
= 1mA to 100 mA
20
Dropout Voltage(4)
V
D
I
LDO1
= 100mA
100
150
mV
Current Limit
I
LIM
200
mA
Power Supply
Rejection Ratio
PSRR
LDO1
2.5V < V
LDO1
< 3V, f < 1kHz, C
BYP
= 22nF, I
LDO1
= 50mA,
V
IN
= 3.7V with 0.5V
P-P
ripple
50
dB
PSRR
LDO2
f < 1kHz, C
BYP
= 22nF, I
LDO2
= 50mA,
V
IN
= 3.7V with 0.5V
P-P
ripple
60
Output Voltage Noise
e
n-LDO1
LDO1, 10Hz < f < 100kHz, C
BYP
= 22nF, C
LDO
= 1μF,
I
LDO1
= 50 mA, V
IN
= 3.7V, 2.5V < V
LDO1
< 3V
100
μV
RMS
e
n-LDO2
LDO2, 10Hz < f < 100kHz, C
BYP
= 22nF,
C
LDO
= 1μF, I
LDO2
= 50 mA, V
IN
= 3.7V
50
Minimum Output Capacitor
C
LDO(MIN)
1μF
Digital I/O Electrical Specifications (EN)
Input High Threshold
V
IH
V
IN
= 5.5V
1.6
V
Input Low Threshold
V
IL
V
IN
= 3.0V
0.4
V
Input High Current
I
IH
V
IN
= 5.5V
-1
+1
μA
Input Low Current
I
IL
V
IN
= 5.5V
-1
+1
μA
I2C Interface
Interface complies with slave mode I2C interface as described by Philips I2C specification version 2.1 dated January, 2000.
Digital Input Voltage
V
B-IL
0.4
V
V
B-IH
1.6
V
SDA Output Low Level
I
DIN
(SDA) ≤ 3mA
0.4
V
Digital Input Current
I
B-IN
-0.2
0.2
μA
Hysteresis of
Schmitt Trigger Inputs
V
HYS
0.1
V
Maximum Glitch Pulse
Rejection
t
SP
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com