Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC624AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC624AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC624AEVB Datasheet HTML 15Page - Semtech Corporation SC624AEVB Datasheet HTML 16Page - Semtech Corporation SC624AEVB Datasheet HTML 17Page - Semtech Corporation SC624AEVB Datasheet HTML 18Page - Semtech Corporation SC624AEVB Datasheet HTML 19Page - Semtech Corporation SC624AEVB Datasheet HTML 20Page - Semtech Corporation SC624AEVB Datasheet HTML 21Page - Semtech Corporation SC624AEVB Datasheet HTML 22Page - Semtech Corporation SC624AEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SC624A
19
LDO Control Register (0x03)
This register is used to enable the LDOs and to set their
output voltages.
LDO2[2:0]
These bits are used to set the output voltage of LDO2, as
shown in Table 2.
LDO2_2
LDO2_1
LDO2_0
LDO2
Output Voltage
0
0
0
OFF
0
0
1
1.8V
0
1
0
1.7V
0
1
1
1.6V
1
0
0
1.5V
101 through 111 are not used
OFF
Table 2 — LDO2 Control Bits
LDO1[3:0]
These bits set the output voltage of LDO1, as shown in
Table 3.
LDO1_3
LDO1_2
LDO1_1
LDO1_0
LDO1
Output
Voltage
0000
OFF
0001
3.3V
0010
3.2V
0011
3.1V
0100
3.0V
0101
2.9V
0110
2.8V
0111
2.7V
1000
2.6V
1001
2.5V
1010 through 1111 are not used
OFF
Table 3 — LDO1 Control Bits
Register and Bit Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com