Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC624AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC624AEVB
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC624AEVB Datasheet HTML 2Page - Semtech Corporation SC624AEVB Datasheet HTML 3Page - Semtech Corporation SC624AEVB Datasheet HTML 4Page - Semtech Corporation SC624AEVB Datasheet HTML 5Page - Semtech Corporation SC624AEVB Datasheet HTML 6Page - Semtech Corporation SC624AEVB Datasheet HTML 7Page - Semtech Corporation SC624AEVB Datasheet HTML 8Page - Semtech Corporation SC624AEVB Datasheet HTML 9Page - Semtech Corporation SC624AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SC624A
6
Notes:
(1) ΔV
F
is the voltage difference between any two LEDs.
(2) Current matching equals ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(3) Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
= 3.2V for white LEDs.
(4) Dropout is defined as (V
IN
- V
LDO1
) when V
LDO1
drops 100mV from nominal. Dropout does not apply to LDO2 since it has a maximum output voltage
of 1.8V.
(5) Guaranteed by design
Parameter
Symbol
Conditions
Min
Typ
Max
Units
I2C Interface (Continued)
I/O Pin Capacitance
C
IN
10
pF
I2C Timing
Clock Frequency
f
SCL
400
440
kHz
SCL Low Period(5)
t
LOW
1.3
μs
SCL High Period(5)
t
HIGH
0.6
μs
Data Hold Time(5)
t
HD_DAT
0μs
Data Setup Time(5)
t
SU_DAT
100
μs
Setup Time for Repeated
START Condition(5)
t
SU_STA
0.6
μs
Hold Time for Repeated
START Condition(5)
t
HD_STA
0.6
μs
Setup Time for STOP
Condition(5)
t
SU_STO
0.6
μs
Bus-Free Time Between
STOP and START(5)
t
BUF
1.3
μs
Interface Start-up Time(5)
t
EN
Bus Start-up Time After EN Pin is Pulled High
1
ms
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com