Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS202DL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 7Page - STMicroelectronics LIS202DL Datasheet HTML 8Page - STMicroelectronics LIS202DL Datasheet HTML 9Page - STMicroelectronics LIS202DL Datasheet HTML 10Page - STMicroelectronics LIS202DL Datasheet HTML 11Page - STMicroelectronics LIS202DL Datasheet HTML 12Page - STMicroelectronics LIS202DL Datasheet HTML 13Page - STMicroelectronics LIS202DL Datasheet HTML 14Page - STMicroelectronics LIS202DL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LIS202DL
Application hints
11/36
4
Application hints
Figure 3.
LIS202DL electrical connection
The device core is supplied through Vdd line while the I/O pads are supplied through
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should be
placed as near as possible to the pin 6 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (Figure 3: LIS202DL electrical connection). It is possible to remove Vdd
maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C/SPI interface.When using the I2C, CS must be tied high while
SDO must be left floating.
The functions, the threshold an the timing of the two interrupt pins (INT 1 and INT 2) can be
completely programmed by the user though the I2C/SPI interface.
4.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHS and “green” standard. It is
qualified for soldering heat resistance according to JEDEC J-STD-020C. Pin #1 indicator is
electrically connected to pin 1. Leave pin 1 indicator unconnected during soldering. Land
pattern and soldering recommendation are available at www.st.com/mems.
6
8
13
1
Top VIEW
10uF
Vdd
100nF
GND
Vdd_IO
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
1
13
8
6
TOP VIEW
X
Y
DIRECTION OF THE
DETECTABLE
ACCELERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com