Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS202DL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 5 Page - STMicroelectronics

  LIS202DL Datasheet HTML 1Page - STMicroelectronics LIS202DL Datasheet HTML 2Page - STMicroelectronics LIS202DL Datasheet HTML 3Page - STMicroelectronics LIS202DL Datasheet HTML 4Page - STMicroelectronics LIS202DL Datasheet HTML 5Page - STMicroelectronics LIS202DL Datasheet HTML 6Page - STMicroelectronics LIS202DL Datasheet HTML 7Page - STMicroelectronics LIS202DL Datasheet HTML 8Page - STMicroelectronics LIS202DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LIS202DL
Block diagram & pin description
5/36
7CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
8
INT 1
Inertial interrupt 1
9
INT 2
Inertial interrupt 2
10
GND
0V supply
11
Reserved
Connect to Gnd
12
SDO
SPI Serial Data Output
I2C less significant bit of the device address
13
SDA
SDI
SDO
I2C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
14
SCL
SPC
I2C Serial Clock (SCL)
SPI Serial Port Clock (SPC)
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com