Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS202DL Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS202DL Datasheet HTML 23Page - STMicroelectronics LIS202DL Datasheet HTML 24Page - STMicroelectronics LIS202DL Datasheet HTML 25Page - STMicroelectronics LIS202DL Datasheet HTML 26Page - STMicroelectronics LIS202DL Datasheet HTML 27Page - STMicroelectronics LIS202DL Datasheet HTML 28Page - STMicroelectronics LIS202DL Datasheet HTML 29Page - STMicroelectronics LIS202DL Datasheet HTML 30Page - STMicroelectronics LIS202DL Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LIS202DL
Register description
27/36
Wake-up source register. Read only register.
Reading at this address clears WU_SRC_2 register and the WU_2 interrupt and allows the
refreshment of data in the WU_SRC_2 register if the latched option was chosen.
7.15
WU_THS_2 (36h)
Most significant bit (DCRM) is used to select the resetting mode of the duration counter. If
DCRM=0 counter is reset when the interrupt is no more active else if DCRM=1 duration
counter is decremented.
7.16
WU_DURATION_2 (37h)
Duration register for Wake-Up interrupt 2. Duration step and maximum value depend on the
ODR chosen. Step 2.5 msec, from 0 to 637.5 msec if ODR=400Hz, else step 10 msec, from
0 to 2.55 sec when ODR=100Hz. The counter used to implement duration function is
blocked when LIR=1 in configuration register and the interrupt event is verified.
XH
X High. Default value: 0
(0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0
(0: no interrupt; 1: XL event has occurred)
Table 33.
Register description
Table 34.
Register
DCRM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 35.
Register description
DCRM
Resetting mode selection. Default value: 0
(0: counter reset; 1: counter decrements)
THS6, THS0
Wake-up Threshold. Default value: 000 0000
Table 36.
Register
D7
D6
D5
D4
D3
D2
D1
D0
Table 37.
Register description
D7-D0
Duration value. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com