Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9032C
Description  Calling Line Identification Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9032C Datasheet HTML 1Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HT9032C/HT9032D
Rev. 1.40
5
September 30, 2002
Functional Description
The HT9032 is designed to be the physical layer de-
modulator for products targeted for the caller ID market.
The data signaling interface should conform to Bell 202,
which is described as follows:
· Analog, phase coherent, frequency shift keying
· Logical 1 (Mark)=1200+/
-12Hz
· Logical 0 (Space)=2200+/
-22Hz
· Transmission rate=1200bps
· Data application=serial, binary, asynchronous
The interface should be arranged to allow simple data
transmission from the terminating central office, to the
CPE (Customer Premises Equipment), only when the
CPE is in an on-hook state. The data will be transmitted
in the silent period between the first and second power
ring before a voice path is established. The transmission
level from the terminating C.O. will be
-13.5dBm+/-1.0.
The worst case attenuation through the loop is expected
to be
-20dB. The receiver therefore, should have a sen-
sitivity of approximately
-34.5dBm to handle the worst
case installations. The ITU-T V.23 is also using the FSK
signaling scheme to transmit data in the general
switched telephone network. For mode 2 of the V.23, the
modulation rate and characteristic frequencies are listed
below:
· Analog, phase coherent, frequency shift keying
· Logical 1 (Mark)=1300Hz
· Logical 0 (Space)=2100Hz
· Transmission rate=1200bps
Since the band pass filter of the HT9032 can pass the
V.23 signal, hence the HT9032 also can demodulate the
V.23 signal.
Ring detection
The data will be transmitted in the silent period between
the first and second power ring before a voice path is es-
tablished. The HT9032 should first detect a valid ring
and then perform the FSK demodulation. The typical
ring detection circuit of the HT9032 is depicted below.
The power ring signal is first rectified through a bridge
circuit and then sent to a resistor network that attenu-
ates the incoming power ring. The values of resistors
and capacitor given in the figure have been chosen to
provide a sufficient voltage at RDET1 pin to turn on the
Schmitt trigger input with approximately a 40 Vrms or
greater power ring input from tip and ring. When VT+ of
the Schmitt is exceeded, the NMOS on the pin RTIME
will be driven to saturation discharging capacitor on
RTIME. This will initialize a partial power up, with only
the portions of the part involved with the ring signal anal-
ysis enabled, including RDET2 pin. With RDET2 pin en-
abled, a portion of the power ring above 1.2V is fed to
the ring analysis circuit. Once the ring signal is qualified,
the RDET pin will be sent low.
P o w e r U p
L o g i c
I n t e r n a l
P o w e r U p
L o g i c
R i n g
A n a l y s i s
C i r c u i t
1 . 2 V
R D E T 2
R D E T
R T I M E
V D D
0 . 2 m .
2 7 0 k W
P D W N
R D E T 1
4 7 0 k W
1 8 k W
1 5 k W
T o
B r i d g e
Operation mode
There are three operation modes of the HT9032. They are power down mode, partial power up mode, and power up
mode. The three modes are classified by the following conditions:
Modes
Conditions
Current Consumption
Power down
PDWN=
²1² and RTIME=²1²
<1
mA
Partial power up
PDWN=
²1² and RTIME=²0²
1.9mA typically
Power up
PDWN=
²0²
3.2mA typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com