Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032C Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9032C
Description  Calling Line Identification Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032C Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9032C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 10Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application circuit 3
¾ power on reset
Application circuit 4
¾ power on reset
Note: reference C1=0.1
mFR1=81kW
HT9032C/HT9032D
Rev. 1.40
7
September 30, 2002
H T 1 0 5 0
~
~
T I P
V D D
X 2
P D W N
V S S
R I N G
X 1
D O U T
H T 9 0 3 2 D
3 . 5 8 M H z
1 0 M W
3 0 p .
3 0 p .
1 5 k W
1 8 k W
2 0 0 k W
0 . 0 1 m .
4 7 0 k W
0 . 0 1 m .
2 0 0 k W
0 . 2 m .
T I P
R I N G
0 . 2 m .
0 . 1 m .
9 V
V D D
R 1
V D D
C 1
M C U
H T 1 0 5 0
~
~
T I P
V D D
R T I M E
R D E T 1
X 2
P D W N
V S S
R I N G
C D E T
R D E T
X 1
R D E T 2
D O U T C
D O U T
H T 9 0 3 2 C
2 0 k W
2 0 k W
3 . 5 8 M H z
1 0 M W
3 0 p .
3 0 p .
V D D
2 7 0 k W
0 . 2 m .
1 5 k W
1 8 k W
2 0 0 k W
0 . 0 1 m .
4 7 0 k W
0 . 0 1 m .
2 0 0 k W
0 . 2 m .
T I P
R I N G
0 . 2 m .
0 . 1 m .
9 V
V D D
R 1
V D D
C 1
M C U
3 . 5 8 M H z s t a b l e
V D D
P D W N
X 1
V T -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com