Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9032C Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9032C
Description  Calling Line Identification Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9032C Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9032C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9032C Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application Circuits
Application circuit 1
Application circuit 2
HT9032C/HT9032D
Rev. 1.40
6
September 30, 2002
Normally, the PDWN pin and the RTIME pin control the
operation mode of the HT9032. When both pins are
HIGH, the HT9032 is set at the power down mode, con-
suming less than 1
mA of supply current. When a valid
power ring arrives, the RTIME pin will be driven below
VT- and the portions of the part involved in the ring signal
analysis are enabled. This is partial power up mode,
consuming approximately 1.9mA typically. Once the
PDWN pin is below VT-, the part will be fully powered up,
and ready to receive FSK. During this mode, the device
current will increase to approximately 3.2mA (typ). The
state of the RTIME pin is now a
²don¢t care² as far as the
part is concerned. After the FSK message has been re-
ceived, the PDWN pin can be allowed to return to VDD
and the part will return to the power down mode.
H T 1 0 5 0
~
~
T I P
V D D
X 2
P D W N
V S S
R I N G
X 1
D O U T
H T 9 0 3 2 D
3 . 5 8 M H z
1 0 M W
3 0 p .
3 0 p .
1 5 k W
1 8 k W
2 0 0 k W
0 . 0 1 m .
4 7 0 k W
0 . 0 1 m .
2 0 0 k W
0 . 2 m .
T I P
R I N G
0 . 2 m .
0 . 1 m .
9 V
V D D
M C U
H T 1 0 5 0
~
~
T I P
V D D
R T I M E
R D E T 1
X 2
P D W N
V S S
R I N G
C D E T
R D E T
X 1
R D E T 2
D O U T C
D O U T
H T 9 0 3 2 C
2 0 k W
2 0 k W
3 . 5 8 M H z
1 0 M W
3 0 p .
3 0 p .
V D D
2 7 0 k W
0 . 2 m .
1 5 k W
1 8 k W
2 0 0 k W
0 . 0 1 m .
4 7 0 k W
0 . 0 1 m .
2 0 0 k W
0 . 2 m .
T I P
R I N G
0 . 2 m .
0 . 1 m .
9 V
V D D
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com