Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5107 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STI5107
Description  Low-cost interactive set-top box decoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5107 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STI5107 Datasheet HTML 5Page - STMicroelectronics STI5107 Datasheet HTML 6Page - STMicroelectronics STI5107 Datasheet HTML 7Page - STMicroelectronics STI5107 Datasheet HTML 8Page - STMicroelectronics STI5107 Datasheet HTML 9Page - STMicroelectronics STI5107 Datasheet HTML 10Page - STMicroelectronics STI5107 Datasheet HTML 11Page - STMicroelectronics STI5107 Datasheet HTML 12Page - STMicroelectronics STI5107 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STi5107
Architecture features
9/14
2.7
Graphics and display
2.7.1
Display
The STi5107 uses blitter based display architecture that allows the user to build a complex
user interface with background color, still picture, video plane and on-screen display (OSD)
as illustrated in Figure 7.
Figure 7.
Example of composition
2.7.2
OSD plane
The OSD plane is managed as a set of horizontal bands with a specification comprising
configuration, bitmap and, for CLUT formats, palette information for each region. The OSD
operates in one of two modes, palette mode or true color mode.
●
Palette mode: Each region can be independently specified with a resolution of 8 bpp.
Regions are frame based. Each region palette can support up to 256 colors with up to
24 bits resolution per color entry.
●
True color mode: Each region can be independently specified with a 16 bpp resolution
in one of the following direct color formats: RGB565, ARGB1555, or ARGB444.
A vertical inter-field, anti flicker filter is provided to reduce flicker on interlace displays. It is
available for both palette and true color modes.
Replay Score Stats
Background
color
Decompressed
video
On-screen
display
Replay
Score
Stats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com