Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5107 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STI5107
Description  Low-cost interactive set-top box decoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5107 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STI5107 Datasheet HTML 6Page - STMicroelectronics STI5107 Datasheet HTML 7Page - STMicroelectronics STI5107 Datasheet HTML 8Page - STMicroelectronics STI5107 Datasheet HTML 9Page - STMicroelectronics STI5107 Datasheet HTML 10Page - STMicroelectronics STI5107 Datasheet HTML 11Page - STMicroelectronics STI5107 Datasheet HTML 12Page - STMicroelectronics STI5107 Datasheet HTML 13Page - STMicroelectronics STI5107 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STi5107
Architecture features
11/14
2.9
Audio subsystem
The audio subsystem supports audio decoding of MPEG-1 layers I, II.
Simultaneous MPEG-1 audio decoding and compressed output of Dolby streams on the
S/PDIF is supported.
Audio sample rates of 32 kHz, 44.1 kHz and 48 kHz are supported.
The audio subsystem is illustrated in Figure 9.
Figure 9.
Audio subsystem
The audio subsystem consists of the following units:
●
audio decoder,
●
S/PDIF player, PCM player,
●
integrated 24-bit stereo audio DAC system,
●
audio/digital frequency synthesizer: generates the PCM and sample rate clocks.
2.10
Central DMA controller
The STi5107 has a multichannel, burst-capable direct memory access controller that
supports the following:
●
fast 2D unaligned memory to memory transfers of graphics and stills,
●
real time stream transfers to and from memory with or without pacing. These channels
are suitable for transfers with external peripherals, for audio and video stream transfers
within the STi5107.
FDMA
LMI
Memory
ADAC
Stereo
analog
outputs
System interconnect
CPU
Interrupts
decoder
PCM player
S/PDIF
S/PDIF output
DMA request
DMA request
DMA request
Audio
FS
DMA request
player



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com