Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5107 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STI5107
Description  Low-cost interactive set-top box decoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5107 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STI5107 Datasheet HTML 6Page - STMicroelectronics STI5107 Datasheet HTML 7Page - STMicroelectronics STI5107 Datasheet HTML 8Page - STMicroelectronics STI5107 Datasheet HTML 9Page - STMicroelectronics STI5107 Datasheet HTML 10Page - STMicroelectronics STI5107 Datasheet HTML 11Page - STMicroelectronics STI5107 Datasheet HTML 12Page - STMicroelectronics STI5107 Datasheet HTML 13Page - STMicroelectronics STI5107 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Architecture features
STi5107
12/14
2.11
Internal peripherals
The STi5107 has many dedicated internal peripherals for digital TV receiver applications,
including:
●
one smartcard controller,
●
two ASCs (UARTs) which are generally used by the smartcard controllers or for modem
application,
●
two SSCs for I²C master/slave interfaces, with SPI support,
●
four GPIO ports,
●
infrared blaster/decoder interface module,
●
DVB common interface support,
●
a fully integrated digital VCXO,
●
an interrupt level controller,
●
a low-power/RTC/watchdog controller,
●
DCU toolset support,
●
a JTAG/TAP interface.
2.12
Clock generation
All system clocks are generated using the clock generator block. This contains two
high-frequency PLLs (532 MHz/400 MHz) that are divided down to produce a series of
phase-related programmable clock channels.
The STi5107 has a clock master. The Flash clock output may be phase aligned to optimize
the external bus performance of the FMI.
VCXO functionality has been integrated using a special purpose frequency synthesizer, thus
removing the need for an external varactor diode or VCXO module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com