Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100DS6F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STVM100DS6F
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DS6F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STVM100DS6F Datasheet HTML 6Page - STMicroelectronics STVM100DS6F Datasheet HTML 7Page - STMicroelectronics STVM100DS6F Datasheet HTML 8Page - STMicroelectronics STVM100DS6F Datasheet HTML 9Page - STMicroelectronics STVM100DS6F Datasheet HTML 10Page - STMicroelectronics STVM100DS6F Datasheet HTML 11Page - STMicroelectronics STVM100DS6F Datasheet HTML 12Page - STMicroelectronics STVM100DS6F Datasheet HTML 13Page - STMicroelectronics STVM100DS6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Device operation
STVM100
10/27
2.2
Read mode
In READ mode, after the Start condition, the master sets the slave address (see Figure 7).
Followed by the READ/WRITE Mode Control bit (R/W=1) and the Acknowledge bit, the
value in DAC register will be transmitted and the master receiver will send an Acknowledge
bit to the slave transmitter. Finally the Stop condition will terminate the READ operation. In
READ mode, the valid data is the first 7 bits and the P bit (the eight bit) is don’t care.
2.3
Write mode
In WRITE mode the master transmits to the STVM100 slave receiver. The bus protocol is
shown in Figure 7. Following the Start condition and slave address, a logic '0' (R/W = 0) is
placed on the bus to identify a WRITE operation. After the acknowledgement by the slave,
the data will be transmitted to the slave with the 7-bit which indicates the data is valid as well
as the eighth bit “P” for the register’s identification. When P = 1, the DAC register is written
to, and when P = 0, the EEPROM is written to (Programming). After receiving the data, the
slave will generate an acknowledge signal, then a Stop condition will terminate the WRITE
operation. STVM100 is pre-programmed with 80H in the EEPROM after manufacturing.
A period of tW (see Table 8) is needed for EEPROM programming. During this period, the
slave will not acknowledge any WRITE operation.
The bit P values in both READ and WRITE modes are shown in Table 3.
Figure 7.
Read/write mode sequence
2.4
VDD power supply ramp-up
The ramp-up from 10% VDD to 90%VDD level should be achieved in less than or equal to
10ms to ensure that the EEPROM and power-on reset circuits are synchronized, and the
correct value is read from the EEPROM.
Table 3.
Bit P read and write mode values
Operation
P-bit value
Description
READ
X
Don’t care
WRITE
1
DAC register WRITE
0
EEPROM WRITE
(programming)
AI12276_b
1
START
STOP
SDA
SCL
00
1
1
1
1
10
0
1
11
1
START
SLAVE ADDRESS
R/W
A
A
65
4
3
21
0
P
65
4
3
21
0
P
A
A
STOP
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com