Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100DS6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STVM100DS6F
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DS6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STVM100DS6F Datasheet HTML 13Page - STMicroelectronics STVM100DS6F Datasheet HTML 14Page - STMicroelectronics STVM100DS6F Datasheet HTML 15Page - STMicroelectronics STVM100DS6F Datasheet HTML 16Page - STMicroelectronics STVM100DS6F Datasheet HTML 17Page - STMicroelectronics STVM100DS6F Datasheet HTML 18Page - STMicroelectronics STVM100DS6F Datasheet HTML 19Page - STMicroelectronics STVM100DS6F Datasheet HTML 20Page - STMicroelectronics STVM100DS6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
STVM100
Typical operating characteristics
17/27
6
Typical operating characteristics
Typical operating characteristics for the STVM100 are TA = 25°C, VDD = 3V, AVDD = 10V,
OUT = 1/2AVDD, and RSET = 24.9kΩ except where noted.
Figure 10.
VDD supply current v’s VDD
Figure 11.
AVDD supply current v’s AVDD
AI13362
24
24.5
25
25.5
26
26.5
27
27.5
.2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDD (V)
AI13363
0
1
2
3
4
5
6
7
8
9
10
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
19.5
AVDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com