Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100DS6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STVM100DS6F
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DS6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STVM100DS6F Datasheet HTML 9Page - STMicroelectronics STVM100DS6F Datasheet HTML 10Page - STMicroelectronics STVM100DS6F Datasheet HTML 11Page - STMicroelectronics STVM100DS6F Datasheet HTML 12Page - STMicroelectronics STVM100DS6F Datasheet HTML 13Page - STMicroelectronics STVM100DS6F Datasheet HTML 14Page - STMicroelectronics STVM100DS6F Datasheet HTML 15Page - STMicroelectronics STVM100DS6F Datasheet HTML 16Page - STMicroelectronics STVM100DS6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
STVM100
Maximum rating
13/27
4
Maximum rating
Stressing the device above the ratings listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VDD Off, AVDD Off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C
for between 90 to 150 seconds).
Lead solder temperature for 10 seconds
260
°C
TJ
Maximum junction temperature (plastic package)
150
°C
VOUT
Output voltage (OUT pin to GND)
–0.3 to 20
V
VDD
VDD to GND
+5.5
V
AVDD
AVDD input voltage to GND
–0.3 to 20
V
VSET
Output voltage (SET pin to GND)
–0.3 to 5.5
V
PDIS
Power dissipation
TDFN8
2.66
W
TSSOP8
0.53
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com