Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 14Page - STMicroelectronics L6566A Datasheet HTML 15Page - STMicroelectronics L6566A Datasheet HTML 16Page - STMicroelectronics L6566A Datasheet HTML 17Page - STMicroelectronics L6566A Datasheet HTML 18Page - STMicroelectronics L6566A Datasheet HTML 19Page - STMicroelectronics L6566A Datasheet HTML 20Page - STMicroelectronics L6566A Datasheet HTML 21Page - STMicroelectronics L6566A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Application information
L6566A
18/51
If FF operation is selected:
1.
FF mode from heavy to light load. The system operates exactly like a standard current
mode, at a frequency fsw determined by the externally programmable oscillator: both
DCM and CCM transformer operation are possible, depending on whether the power
that it processes is greater or less than:
Equation 1
where Vin is the input voltage to the converter, VR the reflected voltage (i.e. the
regulated output voltage times the primary-to-secondary turn ratio) and Lp the
inductance of the primary winding. PinT is the power level that marks the transition from
continuous to discontinuous operation mode of the transformer.
2.
Burst-mode with no or very light load. This kind of operation is activated in the same
way and results in the same behavior as previously described for QR operation.
The L6566A is specifically designed for flyback converters operated from front-end Power
Factor Correction (PFC) stages in applications supposed to comply with EN61000-3-2 or
JEITA-MITI regulations. Pin 6 (Vcc_PFC) provides the supply voltage to the PFC control IC.
5.1
High-voltage start-up generator
Figure 5
shows the internal schematic of the high-voltage start-up generator (HV generator).
It is made up of a high-voltage N-channel FET, whose gate is biased by a 15 M
Ω resistor,
with a temperature-compensated current generator connected to its source.
Figure 5.
High-voltage start-up generator: internal schematic
Lp
f
2
V
Vin
V
Vin
Pin
sw
2
R
R
T
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
=
L6566A
15 M
Ω
GND
HV
Vcc
5
3
1
Icharge
Vcc_OK
IHV
CONTROL
HV_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com