Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 40Page - STMicroelectronics L6566A Datasheet HTML 41Page - STMicroelectronics L6566A Datasheet HTML 42Page - STMicroelectronics L6566A Datasheet HTML 43Page - STMicroelectronics L6566A Datasheet HTML 44Page - STMicroelectronics L6566A Datasheet HTML 45Page - STMicroelectronics L6566A Datasheet HTML 46Page - STMicroelectronics L6566A Datasheet HTML 47Page - STMicroelectronics L6566A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Application examples and ideas
L6566A
44/51
6
Application examples and ideas
Figure 28. Typical low-cost application schematic
PFC Pre-regulator Output bus
IC1
L6566A
C3
Q1
R2
D2
R8
C9
D1
C7 2.2 nF Y1
R9
R10
C8A,B
T1
ZCD
GD
CS
Vcc
AC_OK
GND
VFF
COMP
D4
IC3
R4
D3
1
2
3
4
C6
R5
C2
SS
C5
VREF
MODE/SC
C4 R6
HVS
FMOD
OSC
DIS
TL431
R1
R3 470k
R7
Vout
Optional f or
QR operation
4
7
3
5
11
15
16
9
14
13
8
10
12
1
6
Optional f or
QR operation
Output capacitor of boost
PFC Pre-regulator
Figure 29. Typical full-feature application schematic (QR operation)
4
7
3
5
11
6
8
IC1
L6566A
Vout
9
R4
C3
Q1
R2
D2
1N4148
R18
D1
C7 2.2 nF Y1
C8A,B
T1
ZCD
GD
CS
Vcc
DIS
GND
VFF
COMP
D4
IC3 PC817A
R3
D3 1N4148
3
4
C6
R5
C2
14
SS
13
C5
16
10
VREF
12
MODE/SC
C4
R6
1
HVS
OSC
AC_OK
R1
R12
R13
R14
R8
C9
R9
R10
1
2
TL431
R7
NTC2
Vcc_PFC
to Vcc pin of
PFC controller
15
C1
PFC Pre-regulator Output bus
Output capacitor of boost
PFC Pre-regulator
to mains
v oltage sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com