Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 25Page - STMicroelectronics L6566A Datasheet HTML 26Page - STMicroelectronics L6566A Datasheet HTML 27Page - STMicroelectronics L6566A Datasheet HTML 28Page - STMicroelectronics L6566A Datasheet HTML 29Page - STMicroelectronics L6566A Datasheet HTML 30Page - STMicroelectronics L6566A Datasheet HTML 31Page - STMicroelectronics L6566A Datasheet HTML 32Page - STMicroelectronics L6566A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
L6566A
Application information
29/51
Equation 7
The converter is then tested on the bench to find the output power level Poutlim where
regulation is lost (because overcurrent is being tripped) both at Vin = Vinmin and
Vin = Vinmax.
If Poutlim @ Vinmax > Poutlim @ Vinmin the system is still undercompensated and k needs
increasing; if Poutlim @ Vinmax < Poutlim @ Vinmin the system is overcompensated and k
needs decreasing. This will go on until the difference between the two values is acceptably
low. Once found the true kopt in this way, it is possible that Poutlim turns out slightly different
from the target; to correct this, the sense resistor Rs needs adjusting and the above tuning
process will be repeated with the new Rs value. Typically a satisfactory setting is achieved in
no more than a couple of iterations.
In applications where this function is not wanted, e.g. because the PFC stage regulates at a
fixed voltage, the VFF pin can be simply grounded, directly or through a resistor (see
“Chapter 5.11: OVP block on page 35”). The overcurrent setpoint will be then fixed at the
maximum value of 1V. If a lower setpoint is desired to reduce the power dissipation on Rs,
the pin can be also biased at a fixed voltage using a divider from VREF (pin 10).
If the FF option is selected the Line Feedforward function can be still used to compensate for
the total propagation delay Td of the current sense chain (internal propagation delay td(H-L)
plus the turn-off delay of the external MOSFET), which in standard current mode PWM
controllers is done by adding an offset on the current sense pin proportional to the input
voltage. In that case the divider ratio k, which will be much smaller as compared to that used
with the QR option selected, can be calculated with the following equation:
Equation 8
max
PKp
min
in
opt
I
V
3
k
1
Rs
−
=
Figure 17. Left: Overcurrent setpoint vs. VFF voltage; right: Line Feedforward function block
Vcsx [V]
0
0.5
11.5
22.5
33.5
0
0.2
0.4
0.6
0.8
1
1.2
VVFF [V]
VCOMP= Upper clamp
7
9
15
Rs
PFC Output Bus
DRIVER
4
R
S
Q
R1B
R2
COMP
VFF
CS
GD
L6566A
1.5 V
Hiccup
DISABLE
VOLTAGE
FEED
FORWARD
To PFC's OV
sensing
Optional for
OVP settings
OCP
PWM
Vcsx
Clock/ZCD
R1A
Lp
Rs
Td
3
k
opt =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com