Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 105Page - STMicroelectronics ST10F272 Datasheet HTML 106Page - STMicroelectronics ST10F272 Datasheet HTML 107Page - STMicroelectronics ST10F272 Datasheet HTML 108Page - STMicroelectronics ST10F272 Datasheet HTML 109Page - STMicroelectronics ST10F272 Datasheet HTML 110Page - STMicroelectronics ST10F272 Datasheet HTML 111Page - STMicroelectronics ST10F272 Datasheet HTML 112Page - STMicroelectronics ST10F272 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 179 page
background image
ST10F272
Power reduction modes
109/179
Warning:
During power-off phase, it is important that the external
hardware maintains a stable ground level on RSTIN pin,
without any glitch, in order to avoid spurious exiting from
reset status with unstable power supply.
21.3.2
Exiting stand-by mode
After the system has entered the Stand-by Mode, the procedure to exit this mode consists of
a standard Power-on sequence, with the only difference that the RAM is already powered
through V18SB internal reference (derived from VSTBY pin external voltage).
It is recommended to held the device under RESET (RSTIN pin forced low) until external
VDD voltage pin is stable. Even though, at the very beginning of the power-on phase, the
device is maintained under reset by the internal low voltage detector circuit (implemented
inside the main voltage regulator) till the internal V18 becomes higher than about 1.0V, there
is no warranty that the device stays under reset status if RSTIN is at high level during
power ramp up. So, it is important the external hardware is able to guarantee a stable
ground level on RSTIN along the power-on phase, without any temporary glitch.
The external hardware shall be responsible to drive low the RSTIN pin until the VDD is
stable, even though the internal LVD is active.
Once the internal Reset signal goes low, the RAM (still frozen) power supply is switched to
the main V18.
At this time, everything becomes stable, and the execution of the initialization routines can
start: XRAM2EN bit can be set, enabling the RAM.
21.3.3
Real time clock and stand-by mode
When Stand-by mode is entered (turning off the main supply VDD), the Real Time Clock
counting can be maintained running in case the on-chip 32 kHz oscillator is used to provide
the reference to the counter. This is not possible if the main oscillator is used as reference
for the counter: Being the main oscillator powered by VDD, once this is switched off, the
oscillator is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com