Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 109Page - STMicroelectronics ST10F272 Datasheet HTML 110Page - STMicroelectronics ST10F272 Datasheet HTML 111Page - STMicroelectronics ST10F272 Datasheet HTML 112Page - STMicroelectronics ST10F272 Datasheet HTML 113Page - STMicroelectronics ST10F272 Datasheet HTML 114Page - STMicroelectronics ST10F272 Datasheet HTML 115Page - STMicroelectronics ST10F272 Datasheet HTML 116Page - STMicroelectronics ST10F272 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 179 page
background image
ST10F272
Register set
113/179
CC4
FE88h
44h
CAPCOM register 4
0000h
CC4IC
b
FF80h
C0h
CAPCOM register 4 interrupt control register
- - 00h
CC5
FE8Ah
45h
CAPCOM register 5
0000h
CC5IC
b
FF82h
C1h
CAPCOM register 5 interrupt control register
- - 00h
CC6
FE8Ch
46h
CAPCOM register 6
0000h
CC6IC
b
FF84h
C2h
CAPCOM register 6 interrupt control register
- - 00h
CC7
FE8Eh
47h
CAPCOM register 7
0000h
CC7IC
b
FF86h
C3h
CAPCOM register 7 interrupt control register
- - 00h
CC8
FE90h
48h
CAPCOM register 8
0000h
CC8IC
b
FF88h
C4h
CAPCOM register 8 interrupt control register
- - 00h
CC9
FE92h
49h
CAPCOM register 9
0000h
CC9IC
b
FF8Ah
C5h
CAPCOM register 9 interrupt control register
- - 00h
CC10
FE94h
4Ah
CAPCOM register 10
0000h
CC10IC
b
FF8Ch
C6h
CAPCOM register 10 interrupt control register
- - 00h
CC11
FE96h
4Bh
CAPCOM register 11
0000h
CC11IC
b
FF8Eh
C7h
CAPCOM register 11 interrupt control register
- - 00h
CC12
FE98h
4Ch
CAPCOM register 12
0000h
CC12IC
b
FF90h
C8h
CAPCOM register 12 interrupt control register
- - 00h
CC13
FE9Ah
4Dh
CAPCOM register 13
0000h
CC13IC
b
FF92h
C9h
CAPCOM register 13 interrupt control register
- - 00h
CC14
FE9Ch
4Eh
CAPCOM register 14
0000h
CC14IC
b
FF94h
CAh
CAPCOM register 14 interrupt control register
- - 00h
CC15
FE9Eh
4Fh
CAPCOM register 15
0000h
CC15IC
b
FF96h
CBh
CAPCOM register 15 interrupt control register
- - 00h
CC16
FE60h
30h
CAPCOM register 16
0000h
CC16IC
b
F160h
E
B0h
CAPCOM register 16 interrupt control register
- - 00h
CC17
FE62h
31h
CAPCOM register 17
0000h
CC17IC
b
F162h
E
B1h
CAPCOM register 17 interrupt control register
- - 00h
CC18
FE64h
32h
CAPCOM register 18
0000h
CC18IC
b
F164h
E
B2h
CAPCOM register 18 interrupt control register
- - 00h
CC19
FE66h
33h
CAPCOM register 19
0000h
CC19IC
b
F166h
E
B3h
CAPCOM register 19 interrupt control register
- - 00h
CC20
FE68h
34h
CAPCOM register 20
0000h
CC20IC
b
F168h
E
B4h
CAPCOM register 20 interrupt control register
- - 00h
Table 52.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com