Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 110Page - STMicroelectronics ST10F272 Datasheet HTML 111Page - STMicroelectronics ST10F272 Datasheet HTML 112Page - STMicroelectronics ST10F272 Datasheet HTML 113Page - STMicroelectronics ST10F272 Datasheet HTML 114Page - STMicroelectronics ST10F272 Datasheet HTML 115Page - STMicroelectronics ST10F272 Datasheet HTML 116Page - STMicroelectronics ST10F272 Datasheet HTML 117Page - STMicroelectronics ST10F272 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 179 page
background image
Register set
ST10F272
114/179
CC21
FE6Ah
35h
CAPCOM register 21
0000h
CC21IC
b
F16Ah
E
B5h
CAPCOM register 21 interrupt control register
- - 00h
CC22
FE6Ch
36h
CAPCOM register 22
0000h
CC22IC
b
F16Ch
E
B6h
CAPCOM register 22 interrupt control register
- - 00h
CC23
FE6Eh
37h
CAPCOM register 23
0000h
CC23IC
b
F16Eh
E
B7h
CAPCOM register 23 interrupt control register
- - 00h
CC24
FE70h
38h
CAPCOM register 24
0000h
CC24IC
b
F170h
E
B8h
CAPCOM register 24 interrupt control register
- - 00h
CC25
FE72h
39h
CAPCOM register 25
0000h
CC25IC
b
F172h
E
B9h
CAPCOM register 25 interrupt control register
- - 00h
CC26
FE74h
3Ah
CAPCOM register 26
0000h
CC26IC
b
F174h
E
BAh
CAPCOM register 26 interrupt control register
- - 00h
CC27
FE76h
3Bh
CAPCOM register 27
0000h
CC27IC
b
F176h
E
BBh
CAPCOM register 27 interrupt control register
- - 00h
CC28
FE78h
3Ch
CAPCOM register 28
0000h
CC28IC
b
F178h
E
BCh
CAPCOM register 28 interrupt control register
- - 00h
CC29
FE7Ah
3Dh
CAPCOM register 29
0000h
CC29IC
b
F184h
E
C2h
CAPCOM register 29 interrupt control register
- - 00h
CC30
FE7Ch
3Eh
CAPCOM register 30
0000h
CC30IC
b
F18Ch
E
C6h
CAPCOM register 30 interrupt control register
- - 00h
CC31
FE7Eh
3Fh
CAPCOM register 31
0000h
CC31IC
b
F194h
E
CAh
CAPCOM register 31 interrupt control register
- - 00h
CCM0
b
FF52h
A9h
CAPCOM Mode Control register 0
0000h
CCM1
b
FF54h
AAh
CAPCOM Mode Control register 1
0000h
CCM2
b
FF56h
ABh
CAPCOM Mode Control register 2
0000h
CCM3
b
FF58h
ACh
CAPCOM mode Control register 3
0000h
CCM4
b
FF22h
91h
CAPCOM Mode Control register 4
0000h
CCM5
b
FF24h
92h
CAPCOM Mode Control register 5
0000h
CCM6
b
FF26h
93h
CAPCOM Mode Control register 6
0000h
CCM7
b
FF28h
94h
CAPCOM Mode Control register 7
0000h
CP
FE10h
08h
CPU Context Pointer register
FC00h
CRIC
b
FF6Ah
B5h
GPT2 CAPREL interrupt control register
- - 00h
CSP
FE08h
04h
CPU Code Segment Pointer register (read only)
0000h
DP0L
b
F100h
E
80h
P0L direction control register
- - 00h
Table 52.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com