Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 116Page - STMicroelectronics ST10F272 Datasheet HTML 117Page - STMicroelectronics ST10F272 Datasheet HTML 118Page - STMicroelectronics ST10F272 Datasheet HTML 119Page - STMicroelectronics ST10F272 Datasheet HTML 120Page - STMicroelectronics ST10F272 Datasheet HTML 121Page - STMicroelectronics ST10F272 Datasheet HTML 122Page - STMicroelectronics ST10F272 Datasheet HTML 123Page - STMicroelectronics ST10F272 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 179 page
background image
Register set
ST10F272
120/179
CAN1IF2CR
EF40h
CAN1: IF2 command request
0001h
CAN1IF2DA1
EF4Eh
CAN1: IF2 data A 1
0000h
CAN1IF2DA2
EF50h
CAN1: IF2 data A 2
0000h
CAN1IF2DB1
EF52h
CAN1: IF2 data B 1
0000h
CAN1IF2DB2
EF54h
CAN1: IF2 data B 2
0000h
CAN1IF2M1
EF44h
CAN1: IF2 Mask 1
FFFFh
CAN1IF2M2
EF46h
CAN1: IF2 mask 2
FFFFh
CAN1IF2MC
EF4Ch
CAN1: IF2 message control
0000h
CAN1IP1
EFA0h
CAN1: interrupt pending 1
0000h
CAN1IP2
EFA2h
CAN1: interrupt pending 2
0000h
CAN1IR
EF08h
CAN1: interrupt register
0000h
CAN1MV1
EFB0h
CAN1: message valid 1
0000h
CAN1MV2
EFB2h
CAN1: message valid 2
0000h
CAN1ND1
EF90h
CAN1: new data 1
0000h
CAN1ND2
EF92h
CAN1: new data 2
0000h
CAN1SR
EF02h
CAN1: status register
0000h
CAN1TR
EF0Ah
CAN1: test register
00x0h
CAN1TR1
EF80h
CAN1: transmission request 1
0000h
CAN1TR2
EF82h
CAN1: transmission request 2
0000h
CAN2BRPER
EE0Ch
CAN2: BRP extension register
0000h
CAN2BTR
EE06h
CAN2: bit timing register
2301h
CAN2CR
EE00h
CAN2: CAN control register
0001h
CAN2EC
EE04h
CAN2: error counter
0000h
CAN2IF1A1
EE18h
CAN2: IF1 arbitration 1
0000h
CAN2IF1A2
EE1Ah
CAN2: IF1 arbitration 2
0000h
CAN2IF1CM
EE12h
CAN2: IF1 command mask
0000h
CAN2IF1CR
EE10h
CAN2: IF1 command request
0001h
CAN2IF1DA1
EE1Eh
CAN2: IF1 data A 1
0000h
CAN2IF1DA2
EE20h
CAN2: IF1 data A 2
0000h
CAN2IF1DB1
EE22h
CAN2: IF1 data B 1
0000h
CAN2IF1DB2
EE24h
CAN2: IF1 data B 2
0000h
CAN2IF1M1
EE14h
CAN2: IF1 mask 1
FFFFh
CAN2IF1M2
EE16h
CAN2: IF1 mask 2
FFFFh
CAN2IF1MC
EE1Ch
CAN2: IF1 message control
0000h
Table 53.
List of XBus registers (continued)
Name
Physical
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com