Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 119Page - STMicroelectronics ST10F272 Datasheet HTML 120Page - STMicroelectronics ST10F272 Datasheet HTML 121Page - STMicroelectronics ST10F272 Datasheet HTML 122Page - STMicroelectronics ST10F272 Datasheet HTML 123Page - STMicroelectronics ST10F272 Datasheet HTML 124Page - STMicroelectronics ST10F272 Datasheet HTML 125Page - STMicroelectronics ST10F272 Datasheet HTML 126Page - STMicroelectronics ST10F272 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
ST10F272
Register set
123/179
XPT3
EC16h
XPWM module up/down counter 3
0000h
XPW0
EC30h
XPWM module pulse width register 0
0000h
XPW1
EC32h
XPWM module pulse width register 1
0000h
XPW2
EC34h
XPWM module pulse width register 2
0000h
XPW3
EC36h
XPWM module pulse width register 3
0000h
XPWMCON0
EC00h
XPWM module control register 0
0000h
XPWMCON0CLR
EC08h
XPWM module clear control reg. 0 (write only)
0000h
XPWMCON0SET
EC06h
XPWM module set control register 0 (write only)
0000h
XPWMCON1
EC02h
XPWM module control register 1
0000h
XPWMCON1CLR
EC0Ch
XPWM module clear control reg. 0 (write only)
0000h
XPWMCON1SET
EC0Ah
XPWM module set control register 0 (write only)
0000h
XPWMPORT
EC80h
XPWM module port control register
0000h
XS1BG
E906h
XASC Baud rate generator reload register
0000h
XS1CON
E900h
XASC control register
0000h
XS1CONCLR
E904h
XASC clear control register (write only)
0000h
XS1CONSET
E902h
XASC set control register (write only)
0000h
XS1PORT
E980h
XASC port control register
0000h
XS1RBUF
E90Ah
XASC receive buffer register
0000h
XS1TBUF
E908h
XASC transmit buffer register
0000h
XSSCBR
E80Ah
XSSC Baud rate register
0000h
XSSCCON
E800h
XSSC control register
0000h
XSSCCONCLR
E804h
XSSC clear control register (write only)
0000h
XSSCCONSET
E802h
XSSC set control register (write only)
0000h
XSSCPORT
E880h
XSSC port control register
0000h
XSSCRB
E808h
XSSC receive buffer
XXXXh
XSSCTB
E806h
XSSC transmit buffer
0000h
Table 53.
List of XBus registers (continued)
Name
Physical
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com