Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 124Page - STMicroelectronics ST10F272 Datasheet HTML 125Page - STMicroelectronics ST10F272 Datasheet HTML 126Page - STMicroelectronics ST10F272 Datasheet HTML 127Page - STMicroelectronics ST10F272 Datasheet HTML 128Page - STMicroelectronics ST10F272 Datasheet HTML 129Page - STMicroelectronics ST10F272 Datasheet HTML 130Page - STMicroelectronics ST10F272 Datasheet HTML 131Page - STMicroelectronics ST10F272 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 179 page
background image
Electrical characteristics
ST10F272
128/179
24.2
Recommended operating conditions
24.3
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
TJ = TA + (PD x ΘJA) (1)
Where:
TA is the Ambient Temperature in °C,
Θ
JA is the Package Junction-to-Ambient Thermal Resistance, in °C/W,
PD is the sum of PINT and PI/O (PD = PINT + PI/O),
PINT is the product of IDD and VDD, expressed in Watt. This is the Chip Internal Power,
PI/O represents the Power Dissipation on Input and Output Pins; User Determined.
Most of the time for the applications PI/O< PINT and may be neglected. On the other hand,
PI/O may be significant if the device is configured to drive continuously external modules
and/or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273°C) (2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273°C) + ΘJA x PD
2
(3)
Where:
K is a constant for the particular part, which may be determined from equation (3) by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ
may be obtained by solving equations (1) and (2) iteratively for any value of TA.
Table 60.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Max
VDD
Operating supply voltage
4.5
5.5
V
VSTBY
Operationg stand-by supply voltage (1)
4.5
5.5
V
VAREF
Operating analog reference voltage (2)
TA
Ambient temperature under bias
-40
+125
°C
TJ
Junction temperature under bias
-40
+150
°C
1.
The value of the VSTBY voltage is specified in the range 4.5 - 5.5 Volt. Nevertheless, it is acceptable to exceed the upper
limit (up to 6.0 Volt) for a maximum of 100 hours over the global 300000 hours, representing the lifetime of the device
(about 30 years). On the other hand, it is possible to exceed the lower limit (down to 4.0 Volt) whenever RTC and 32kHz
on-chip oscillator amplifier are turned off (only Stand-by RAM powered through VSTBY pin in Stand-by mode). When
VSTBY voltage is lower than main VDD, the input section of VSTBY/EA pin can generate a spurious static consumption on
VDD power supply (in the range of tenth of
µA).
2.
For details on operating conditions concerning the usage of A/D Converter refer to Section 24.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com