Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 125Page - STMicroelectronics ST10F272 Datasheet HTML 126Page - STMicroelectronics ST10F272 Datasheet HTML 127Page - STMicroelectronics ST10F272 Datasheet HTML 128Page - STMicroelectronics ST10F272 Datasheet HTML 129Page - STMicroelectronics ST10F272 Datasheet HTML 130Page - STMicroelectronics ST10F272 Datasheet HTML 131Page - STMicroelectronics ST10F272 Datasheet HTML 132Page - STMicroelectronics ST10F272 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 179 page
background image
ST10F272
Electrical characteristics
129/179
Based on thermal characteristics of the package and with reference to the power
consumption figures provided in next tables and diagrams, the following product
classification can be proposed. Anyhow, the exact power consumption of the device inside
the application must be computed according to different working conditions, thermal profiles,
real thermal resistance of the system (including printed circuit board or other substrata), I/O
activity, and so on.
24.4
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the ST10F272
and its demands on the system.
Where the ST10F272 logic provides signals with their respective timing characteristics, the
symbol “CC” for Controller Characteristics, is included in the “Symbol” column. Where the
external system must provide signals with their respective timing characteristics to the
ST10F272, the symbol “SR” for System Requirement, is included in the “Symbol” column.
Table 61.
Thermal characteristics
Symbol
Description
Value (typical)
Unit
Θ
JA
Thermal Resistance Junction-Ambient
PQFP 144 - 28 x 28 x 3.4 mm / 0.65 mm pitch
TQFP 144 - 20 x 20 mm / 0.5 mm pitch
TQFP 144 - 20 x 20 mm / 0.5 mm pitch on four layer
FR4 board (2 layers signals / 2 layers power)
30
40
35
°C/W
Table 62.
Package characteristics
Package
Ambient temperature range
CPU frequency range
PQFP 144
–40 / +125°C
1 – 64MHz
TQFP 144
–40 / +125°C
1 – 40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com