Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 131Page - STMicroelectronics ST10F272 Datasheet HTML 132Page - STMicroelectronics ST10F272 Datasheet HTML 133Page - STMicroelectronics ST10F272 Datasheet HTML 134Page - STMicroelectronics ST10F272 Datasheet HTML 135Page - STMicroelectronics ST10F272 Datasheet HTML 136Page - STMicroelectronics ST10F272 Datasheet HTML 137Page - STMicroelectronics ST10F272 Datasheet HTML 138Page - STMicroelectronics ST10F272 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 179 page
background image
ST10F272
Electrical characteristics
135/179
24.6
Flash characteristics
VDD = 5 V ± 10%, VSS = 0 V
Table 64.
Flash characteristics
Parameter
Typical
Maximum
Unit
Notes
TA = 25°C
TA = 125°C
0 cycles(1)
0 cycles(1)
100k cycles
Word Program (32-bit) (2)
35
80
290
µs–
Double Word Program (64-bit)(2))
60
150
570
µs–
Bank 0 Program (256K)
(Double Word Program)
1.6
2.0
3.9
s
–
Sector Erase (8K)
0.6
0.5
0.9
0.8
1.0
0.9
s
not preprogrammed
preprogrammed
Sector Erase (32K)
1.1
0.8
2.0
1.8
2.7
2.5
s
not preprogrammed
preprogrammed
Sector Erase (64K)
1.7
1.3
3.7
3.3
5.1
4.7
s
not preprogrammed
preprogrammed
Bank 0 Erase (256K) (3)
5.6
4.0
13.6
11.9
19.2
17.5
s
not preprogrammed
preprogrammed
Recovery from Power-Down (tPD)–
40
40
µs
(4)
Program Suspend Latency (4)
–10
10
µs
Erase Suspend Latency (4)
–30
30
µs
Erase Suspend Request Rate (4)
20
20
20
ms
Min delay between 2
requests
Set Protection (4)
40
90
300
µs
1.
The figures are given after about 100 cycles due to testing routines (0 cycles at the final customer).
2.
Word and Double Word Programming times are provided as average values derived from a full sector programming time:
absolute value of a Word or Double Word Programming time could be longer than the average value.
3.
Bank Erase is obtained through a multiple Sector Erase operation (setting bits related to all sectors of the Bank). As
ST10F272 implements only one bank, the Bank Erase operation is equivalent to Module and Chip Erase operations.
4.
Not 100% tested, guaranteed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com