Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 133Page - STMicroelectronics ST10F272 Datasheet HTML 134Page - STMicroelectronics ST10F272 Datasheet HTML 135Page - STMicroelectronics ST10F272 Datasheet HTML 136Page - STMicroelectronics ST10F272 Datasheet HTML 137Page - STMicroelectronics ST10F272 Datasheet HTML 138Page - STMicroelectronics ST10F272 Datasheet HTML 139Page - STMicroelectronics ST10F272 Datasheet HTML 140Page - STMicroelectronics ST10F272 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 179 page
background image
ST10F272
Electrical characteristics
137/179
1.
VAREF can be tied to ground when A/D Converter is not in use: an extra consumption (around 200µA) on
main VDD is added due to internal analogue circuitry not completely turned off: so, it is suggested to
maintain the VAREF at VDD level even when not in use, and eventually switch off the A/D Converter circuitry
setting bit ADOFF in ADCON register.
2.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be 0x000H or 0x3FFH, respectively.
3.
Not 100% tested, guaranteed by design characterization.
4.
During the sample time the input capacitance CAIN can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within tS.
After the end of the sample time tS, changes of the analog input voltage have no effect on the conversion
result.
Values for the sample clock tS depends on programming and can be taken from Table 67: A/D converter
programming.
5.
This parameter includes the sample time tS, the time for determining the digital result and the time to load
the result register with the conversion result. Values for the conversion clock tCC depend on programming
and can be taken from next Table 67.
6.
DNL, INL, OFS and TUE are tested at VAREF = 5.0 V, VAGND = 0V, VDD = 5.0 V. It is guaranteed by design
characterization for all other voltages within the defined voltage range.
‘LSB’ has a value of VAREF/1024.
For Port5 channels, the specified TUE (± 2LSB) is guaranteed also with an overload condition (see IOV
specification) occurring on maximum 2 not selected analog input pins of Port5 and the absolute sum of
input overload currents on all Port5 analog input pins does not exceed 10 mA.
For Port1 channels, the specified TUE is guaranteed when no overload condition is applied to Port1 pins:
when an overload condition occurs on maximum 2 not selected analog input pins of Port1 and the input
positive overload current on all analog input pins does not exceed 10 mA (either dynamic or static
injection), the specified TUE is degraded (± 7LSB). To get the same accuracy, the negative injection
current on Port1 pins shall not exceed -1mA in case of both dynamic and static injection.
7.
The coupling factor is measured on a channel while an overload condition occurs on the adjacent not
selected channels with the overload current within the different specified ranges (for both positive and
negative injection current).
8.
Refer to scheme reported in Figure 40.
24.7.1
Conversion timing control
When a conversion is started, first the capacitances of the converter are loaded via the
respective analog input pin to the current analog input voltage. The time to load the
capacitances is referred to as sample time. Next the sampled voltage is converted to a
digital value several successive steps, which correspond to the 10-bit resolution of the ADC.
During these steps the internal capacitances are repeatedly charged and discharged via the
VAREF pin.
The current that has to be drawn from the sources for sampling and changing charges
depends on the time that each respective step takes, because the capacitors must reach
their final voltage level within the given time, at least with a certain approximation. The
maximum current, however, that a source can deliver, depends on its internal resistance.
The time that the two different actions during conversion take (sampling, and converting)
can be programmed within a certain range in the ST10F272 relative to the CPU clock. The
absolute time that is consumed by the different conversion steps therefore is independent
from the general speed of the controller. This allows adjusting the A/D converter of the
ST10F272 to the properties of the system:
Analog Switch Resistance 3) 8)
RSW CC
–
–
600
1600
W
Port5
Port1
RAD CC
–1300
W
Table 66.
A/D converter characteristics
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com