Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPT2CWCPSI Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # PPT2CWCPSI
Description  PT-1 Digital Pressure Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

PPT2CWCPSI Datasheet(HTML) 4 Page - Ashcroft, Inc.

  PPT2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
PT-1 Digital Pressure Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Heise®, and Trust the Shield® are trademarks of Ashcroft Inc. For more information, see
Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. PT-1_gauge_ds_RevE_03-19-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
DIMENSIONS In inches
For reference only, consult Ashcroft for specific dimensional drawings
Panel cutout: 5.433˝ x 2.677˝
Weight: 3.0 lbs (with 2 modules installed)
50
INH2O
6000
PSIA
6.72
1.37
2.00
5.38
5.433
2.677
0.38
0.54
0.52
+.039
-.000
+.028
-.000
2.93
5.80
1.25
2.63
0.938
PIEZORESISTIVE
SENSOR
PRESSURE
PORT
SENSOR
PRESSURE
CAPACITIVE
PORTS
POWER
INPUT
COMM.
PORT
JACK
9v DC
RS 232
+
PANEL CUTOUT
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com