Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPT2CWCPSI Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # PPT2CWCPSI
Description  PT-1 Digital Pressure Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

PPT2CWCPSI Datasheet(HTML) 2 Page - Ashcroft, Inc.

  PPT2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2 of 4
PT-1 Digital Pressure Indicator
Data Sheet
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Heise®, and Trust the Shield® are trademarks of Ashcroft Inc. For more information, see
Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. PT-1_gauge_ds_RevE_03-19-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
PPT-1 Gauge, in. H
2O, Differential Pressure Modules
ORDERING CODE
Example:
PPT
1
C
A
D
INWC/
100
A
Model
PPT - Ashcroft pressure sensor
PPT
Sensor Type
1 - Capacitive sensor — Low pressure 0.25 - 200 in. H2O
1
Sensor Accuracy
B - ±0.1% Accuracy (STD.)
C - ±0.06% Accuracy (STD.) (“C” accuracy is ±0.06% for ranges 1.0 in. H2O and higher)
C
C - ±0.07% Accuracy (STD.) (“C” accuracy is ±0.07% for ranges 0.5 in. H2O and lower)
Media Compatability
A - Non-isolated sensor
A
Pressure Type
C - Compound
D - Differential
D
Pressure Units
INWC
INWC/
Ranges
Differential
0.25 - IWC (in. H
2O)
0.5 - IWC (in. H
2O)
1.0 - IWC (in. H
2O)
2.0 - IWC (in. H
2O)
3.0 - IWC (in. H
2O)
5.0 - IWC (in. H
2O)
10 - IWC (in. H
2O)
15 - IWC (in. H
2O)
25 - IWC (in. H
2O)
50 - IWC (in. H
2O)
100 - IWC (in. H
2O)
100
150 - IWC (in. H
2O)
200 - IWC (in. H
2O)
Compound
0.125 - IWC (in. H
2O)
0.25 - IWC (in. H
2O)
0.50 - IWC (in. H
2O)
1.0 - IWC (in. H
2O)
1.5 - IWC (in. H
2O)
2.5 - IWC (in. H
2O)
5.0 - IWC (in. H
2O)
7.5 - IWC (in. H
2O)
12.5 - IWC (in. H
2O)
25 - IWC (in. H
2O)
50 - IWC (in. H
2O)
75 - IWC (in. H
2O)
100 - IWC (in. H
2O)
Inlet Fitting
A - 1⁄8 NPT Female
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com