Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPT2CWCPSI Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # PPT2CWCPSI
Description  PT-1 Digital Pressure Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

PPT2CWCPSI Datasheet(HTML) 1 Page - Ashcroft, Inc.

  PPT2CWCPSI Datasheet HTML 1Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 2Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 3Page - Ashcroft, Inc. PPT2CWCPSI Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
PT-1 Digital Pressure Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Heise®, and Trust the Shield® are trademarks of Ashcroft Inc. For more information, see
Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. PT-1_gauge_ds_RevE_03-19-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
FEATURES
Single or dual pressure measurement display
Digital interface capability via RS232 interface
Large LCD display
Pressure modules permanently installed (PPT-1
and PPT-2)
Pressure measurement accuracies of ±0.10% to
±0.025% of span, range dependent
ORDERING CODE
PT
2
L
N
P
R
Part Number
PT - Ashcroft® base unit; no sensors
PT
Power Supply
1 - 110 Vac/60 Hz
2 - 220 Vac/50 Hz
2
3 - 100 Vac/60 Hz
4 - No power supply provided
Optional Features
L - Back Lit display
L
N - Nicad batteries
N
A - Alkaline batteries
H - Handle
P - Panel mounting hardware
P
R - Series 7 retrofit panel (option P will be required
to mount this)
R
E - Non-standard engineering units
SPECIFICATIONS
Reference Temperature: 70 ºF
Accuracy:
From ±0.1% to ±0.025% of span, depending on range.
Process Connection: 1⁄8 NPT female
Calibration:
Traceable calibration certificate included for each
pressure module
Recalibration:
Complete recalibration can be accomplished over
instrument RS232 interface. Zero and span can be
accomplished via front panel keypad.
Resolution:
±0.002% of span (max.)
Repeatability:
±0.01% of span (all psi ranges)
±0.01% of span (ranges of 1 through 200 in. H
2O)
±0.02% of span (ranges below 1 in. H
2O)
Operating Temp.
Range:
32 °F to 120 °F (0 °C to 49 °C)
Temp. Comp. Range: 20 °F to 120 °F (0 °C to 49 °C)
Temperature Effect: ±0.004% of span per °F over compensated range
from reference temperature of 70 °F (±3°F)
Optional Temp.
Compensation:
Eliminates temperature error from 20 ° to 120 °F
(-7 °C to 49 °C). Available only on PPM2 sensors.
Storage Temp.:
-4 °F to 158 °F (-20 °C to 70 °C)
PT-1
Digital Pressure Indicator
Media:
PPM1: Sensor Type: Clean, dry, non-conductive,
non-corrosive gas
PPM2: Sensor Type: Any medium compatible with
316 Stainless steel
Overpressure:
PPM1 - Low pressure sensors
Under/Overpressure capability -15 to 50 psi
Maximum static (line) pressure 100 psi
PPM2 - Medium/High pressure sensors
Overpressure capability
200% for ranges up to 1000 psi
150% for ranges over 1000 psi
Display:
Liquid crystal
Case Material:
High Impact ABS, black
Power
Requirements:
Standard: 110 Vac, 60 Hz adapter provided
Optional: 220 Vac, 50 Hz or 100 Vac adapter, Nicad
or alkaline battery pack
Push Button Keypad
Functions Include:
Zero adjust, 12 Standard engineering unit select,
Tare function, Min/Max recall, Print, Damping, Port
select, Display hold
Dual sensor modes:
Add or subtract pressure applied to one module
from the second module (differential pressure)
Field Recalibratable: Yes
Warm Up:
5 min. to rated accuracy
30 Min. to complete stability
Display Size:
2 Line, 0.38˝ height per line
16 alpha or numeric characters per line (Max)
Display Update:
100 ms


Similar Part No. - PPT2CWCPSI

ManufacturerPart #DatasheetDescription
logo
ABL Aluminium Component...
PPT ABL-PPT Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Portasol LTD.
PPT-1 PORTASOL-PPT-1 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-10 PORTASOL-PPT-10 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-11 PORTASOL-PPT-11 Datasheet
446Kb / 2P
Professional And Service Technicains
PPT-12 PORTASOL-PPT-12 Datasheet
446Kb / 2P
Professional And Service Technicains
More results

Similar Description - PPT2CWCPSI

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
Digital pressure transducers
DSDX015A2R-A SENSORTECHNICS-DSDX015A2R-A Datasheet
111Kb / 7P
Digital pressure transducers
logo
Fuji Electric
EDS10-22D FUJI-EDS10-22D Datasheet
199Kb / 4P
MEMBRANE TYPE PRESSURE INDICATOR
logo
List of Unclassifed Man...
PT00010R ETC2-PT00010R Datasheet
169Kb / 1P
MODEL PT - PRESSURE TRANSMITTER
logo
Copal Electronics
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
DIGITAL PRESSURE GAUGE
PZ-30 COPAL-PZ-30 Datasheet
1Mb / 10P
PRESSURE INDICATOR
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
logo
Festo Corporation.
7878 FESTO-7878 Datasheet
85Kb / 1P
Pressure indicator plate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com