Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC7046AM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC7046AM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD74HC7046AM Datasheet HTML 9Page - Texas Instruments CD74HC7046AM Datasheet HTML 10Page - Texas Instruments CD74HC7046AM Datasheet HTML 11Page - Texas Instruments CD74HC7046AM Datasheet HTML 12Page - Texas Instruments CD74HC7046AM Datasheet HTML 13Page - Texas Instruments CD74HC7046AM Datasheet HTML 14Page - Texas Instruments CD74HC7046AM Datasheet HTML 15Page - Texas Instruments CD74HC7046AM Datasheet HTML 16Page - Texas Instruments CD74HC7046AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
Test Circuits and Waveforms
FIGURE 10. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 11. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
Typical Performance Curves
FIGURE 12. TYPICAL INPUT RESISTANCE CURVE AT
SIGIN, COMPIN
FIGURE 13. HC7046A TYPICAL CENTER FREQUENCY vs R1, C1
FIGURE 14. HC7046A TYPICAL CENTER FREQUENCY vs R1, C1
FIGURE 15. HC7046A TYPICAL CENTER FREQUENCY vs R1, C1
II
VI
∆VI
SELF-BIAS OPERATING POINT
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 4.5V
R1 = 2.2K
R1 = 22K
R1 = 220K
R1 = 2.2M
R1 = 11M
R2 =
∞
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 6.0V
R1 = 3K
R1 = 30K
R1 = 330K
R1 = 3M
R1 = 15M
R2 =
∞
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 3.0V
R2 =
∞
R1 = 1.5K
R1 = 15K
R1 = 150K
R1 = 1.5M
R1 = 7.5M
CD74HC7046A, CD74HCT7046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com