Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC7046AM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC7046AM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC7046AM Datasheet HTML 1Page - Texas Instruments CD74HC7046AM Datasheet HTML 2Page - Texas Instruments CD74HC7046AM Datasheet HTML 3Page - Texas Instruments CD74HC7046AM Datasheet HTML 4Page - Texas Instruments CD74HC7046AM Datasheet HTML 5Page - Texas Instruments CD74HC7046AM Datasheet HTML 6Page - Texas Instruments CD74HC7046AM Datasheet HTML 7Page - Texas Instruments CD74HC7046AM Datasheet HTML 8Page - Texas Instruments CD74HC7046AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Pinout
CD74HC7046A, CD74HCT7046A
(PDIP, SOIC)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PC1OUT
COMPIN
VCOOUT
INH
C1A
GND
C1B
VCC
SIGIN
PC2OUT
R2
R1
DEMOUT
VCOIN
CLD
LD
10
4
VCOOUT
DEMOUT
5
6
7
12
C1A
R1
VCOIN
INH
9
11
C1B
R2
15
1
13
2
PC1OUT
CLD
PC2OUT
LD
14
3
COMPIN
SIGIN
φ
VCO
FIGURE 1. LOGIC DIAGRAM
R2
12
R1
R5
11
10
C1
R3
C2
PC2OUT
13
p
n
GND
VCC
2
PC1OUT
DOWN
RD
Q
Q
D
CP
RD
Q
Q
D
CP
UP
VCC
INH
59
VCOIN
VCO
-
+
COMPIN
-
+
SIGIN
C1B
C1A
VREF
R2
R1
67 4
3
14
-
1
15
150
Ω
1.5K
LOCK
DETECTOR
OUTPUT
LOCK
DETECTOR
CAPACITOR
CLD
LOCK DETECTOR
CD74HC7046A, CD74HCT7046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com