Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC7046AM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC7046AM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AM Datasheet(HTML) 21 Page - Texas Instruments

Back Button CD74HC7046AM Datasheet HTML 17Page - Texas Instruments CD74HC7046AM Datasheet HTML 18Page - Texas Instruments CD74HC7046AM Datasheet HTML 19Page - Texas Instruments CD74HC7046AM Datasheet HTML 20Page - Texas Instruments CD74HC7046AM Datasheet HTML 21Page - Texas Instruments CD74HC7046AM Datasheet HTML 22Page - Texas Instruments CD74HC7046AM Datasheet HTML 23Page - Texas Instruments CD74HC7046AM Datasheet HTML 24Page - Texas Instruments CD74HC7046AM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
Lock Detector Circuit
The lock detector feature is very useful in data synchroniza-
tion, motor speed control, and demodulation. By adjusting
the value of the lock detector capacitor so that the lock out-
put will change slightly before actually losing lock, the
designer can create an “early warning” indication allowing
corrective measures to be implemented. The reverse is also
true, especially with motor speed controls, generators, and
clutches that must be set up before actual lock occurs or dis-
connected during loss of lock.
When using phase comparator 1, the detector will only indi-
cate a lock condition on the fundamental frequency and not
on the harmonics, which PC1 will lock on.
PLL Conditions with
No Signal at the
SIGIN Input
PC1
VCO adjusts to fo with φDEMOUT = 90
o and V
VCOIN = 1/2 VCC (see Figure 2)
PC2
VCO adjusts to fMIN with φDEMOUT = -360
o and V
VCOIN = 0V (see Figure 4)
PLL Frequency
Capture Range
PC1 or PC2
Loop Filter Component Selection
PLL Locks on
Harmonics at Center
Frequency
PC1
Yes
PC2
No
Noise Rejection at
Signal Input
PC1
High
PC2
Low
AC Ripple Content
when PLL is Locked
PC1
fr = 2fi, large ripple content at φDEMOUT = 90
o
PC2
fr = fi, small ripple content at φDEMOUT = 0
o
SUBJECT
PHASE
COMPARATOR
DESIGN CONSIDERATIONS
A small capture range (2fc) is obtained if τ > 2fc ≈ (1/π) (2πfL/τ1.)
1/2
FIGURE 48. SIMPLE LOOP FILTER FOR PLL WITHOUT OFFSET
(A)
τ1 = R3 x C2
(B) AMPLITUDE CHARACTERISTIC
(C) POLE-ZERO DIAGRAM
R3
C2
INPUT
OUTPUT
|F(j
ω)|
ω
-1/
τ
FIGURE 49. SIMPLE LOOP FILTER FOR PLL WITH OFFSET
(A)
τ2 = R4 x C2;
(B) AMPLITUDE CHARACTERISTIC
(C) POLE-ZERO DIAGRAM
|F(j
ω)|
ω
-1/
τ2
R3
C2
INPUT
OUTPUT
τ3 = (R3 + R4) x C2
-1/
τ3
m
1/
τ3 1/τ2
R4
m =
R4
R3 + R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com