Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Electrical Characteristics
Freescale Semiconductor
30
2.5.6.2
Transmit Signal Timing
2.5.6.3
Asynchronous Input Signal Timing
Table 22. Transmit Signal Timing
No.
Characteristics
Min
Max
Unit
800
Transmit clock period:
• MII: TXCLK
• RMII: REFCLK
40
20
—
—
ns
ns
801
Transmit clock pulse width high—as a percent of clock period
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
802
Transmit clock pulse width low—as a percent of clock period:
• MII: RXCLK
• RMII: REFCLK
35
14
7
65
—
—
%
ns
ns
805
Transmit clock to TXDn, TX_EN, TX_ER invalid
4
—
ns
806
Transmit clock to TXDn, TX_EN, TX_ER valid
—
14
ns
Figure 11. Ethernet Receive Signal Timing
Table 23. Asynchronous Input Signal Timing
No.
Characteristics
Min
Max
Unit
807
• MII: CRS and COL minimum pulse width (1.5
× TXCLK period)
• RMII: CRS_DV minimum pulse width (1.5 x REFCLK period)
60
30
—
—
ns
ns
Figure 12. Asynchronous Input Signal Timing
Valid
Transmit
TX_EN
TXDn
TX_ER
805
806
clock
800
801
802
CRS
COL
807
CRS_DV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com