Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MSC7116 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
MSC7116 10/100 Mbps Ethernet MAC Data Sheet, Rev. 11
Hardware Design Considerations
Freescale Semiconductor
48
When booting from a power-on reset, the HDI16 is additionally configurable as follows:
•
8- or 16-bit mode as specified by the H8BIT pin.
•
Data strobe as specified by the HDSP and HDDS pins.
These pins are sampled only on the deassertion of power-on reset. During a boot from a hard reset, the configuration of these
pins is unaffected.
Note:
When the HDI16 is used for booting or other purposes, bit 0 is the least significant bit and not the most significant bit
as for other DSP products.
3.4.3.2
I2C Boot
When the MSC7116 device is configured to boot from the I
2C port, the boot program configures the GPIO pins for I2C
operation. Then the MSC7116 device initiates accesses to the I
2C module, downloading data to the MSC7116 device. The I2C
interface is configured as follows:
•
PLL is disabled and bypassed so that the I
2C module is clocked with the IPBus clock.
•I
2C interface operates in master mode and polling is used.
•
EPROM operates in slave mode.
•
Clock divider is set to 128.
•
Address of slave during boot is 0xA0.
The IPBus clock is internally divided to generate the bit clock, as follows:
•
CLKIN must be a maximum of 100 MHz
•
PLL is bypassed.
•
IPBus clock = CLKIN/2 is a maximum of 50 MHz.
•I2C bit clock must be less than or equal to:
— IPBus clock/I2C clock divider
— 50 MHz (max)/128
— 390.6 KHz
This satisfies the maximum clock rate requirement of 400 kbps for the I2C interface. For details on the boot procedure, see the
“Boot Program” chapter of the MSC711x Reference Manual.
3.4.3.3
SPI Boot
When the MSC7116 device is configured to boot from the SPI port, the boot program configures the GPIO pins for SPI
operation. Then the MSC7116 device initiates accesses to the SPI module, downloading data to the MSC7116 device. When
the SPI routines run in the boot ROM, the MSC7116 is always configured as the SPI master. Booting through the SPI is
supported for serial EEPROM devices and serial Flash devices. When a READ_ID instruction is issued to the serial memory
device and the device returns a value of 0x00 or 0xFF, the routines for accessing a serial EEPROM are used, at a maximum
frequency of 4 Mbps. Otherwise, the routines for accessing a serial Flash are used, and they can run at faster speeds. Booting is
performed through one of two sets of pins:
•
Main set: BM[2–3], HA3, and HCS2, which allow use of the PLL.
•
Alternate set: UTXD, URXD, SDA, and SCL, which cannot be used with the PLL.
In either configuration, an error during SPI boot is flagged on the EVNT3 pin. For details on the boot procedure, see the “Boot
Program” chapter of the MSC711x Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com