Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC7116 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC7116
Description  Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC7116 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC7116 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC7116 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Freescale Semiconductor
Data Sheet
Document Number: MSC7116
Rev. 11, 7/2007
© Freescale Semiconductor, Inc., 2004, 2007. All rights reserved.
MSC7116
MAP-BGA–400
17 mm
× 17 mm
•StarCore® SC1400 DSP extended core with one SC1400 DSP
core, 192 Kbyte of internal SRAM M1 memory, 16 way 16 Kbyte
instruction cache (ICache), four-entry write buffer, programmable
interrupt controller (PIC), and low-power Wait and Stop
processing modes.
• 192 Kbyte M2 memory for critical data and temporary data
buffering.
• 8 Kbyte boot ROM.
• AHB-Lite crossbar switch that allows parallel data transfers
between four master ports and six slave ports, where each port
connects to an AHB-Lite bus; fixed or round robin priority
programmable at each slave port; programmable bus parking at
each slave port; low power mode.
• Internal PLL generates up to 266 MHz clock for the SC1400 core
and up to 133 MHz for the crossbar switch, DMA channels, M2
memory, and other peripherals.
• Clock synthesis module provides predivision of PLL input clock;
independent clocking of the internal timers and DDR module;
programmable operation in the SC1400 low power Stop mode;
independent shutdown of different regions of the device.
• Enhanced 16-bit wide host interface (HDI16) provides a glueless
connection to industry-standard microcomputers,
microprocessors, and DSPs and can also operate with an 8-bit host
data bus, making if fully compatible with the DSP56300 HI08
from the external host side.
• DDR memory controller that supports byte enables for up to a
32-bit data bus; glueless interface to 133 MHz 14-bit page mode
DDR-RAM; 14-bit external address bus supporting up to 1 Gbyte;
and 16-bit or 32-bit external data bus.
• Programmable memory interface with independent read buffers,
programmable predictive read feature for each buffer, and a write
buffer.
• System control unit performs software watchdog timer function;
includes programmable bus time-out monitors on AHB-Lite slave
buses; includes bus error detection and programmable time-out
monitors on AHB-Lite master buses; and has address
out-of-range detection on each crossbar switch buses.
• Event port collects and counts important signal events including
DMA and interrupt requests and trigger events such as interrupts,
breakpoints, DMA transfers, or wake-up events; units operate
independently, in sequence, or triggered externally; can be used
standalone or with the OCE10.
• Multi-channel DMA controller with 32 time-multiplexed
unidirectional channels, priority-based time-multiplexing
between channels using 32 internal priority levels, fixed- or
round-robin-priority operation, major-minor loop structure, and
DONE or DRACK protocol from requesting units.
• Two independent TDM modules with independent receive and
transmit, programmable sharing of frame sync and clock,
programmable word size (8 or 16-bit), hardware-base
A-law/
μ-law conversion, up to 50 Mbps data rate per TDM, up to
128 channels, with glueless interface to E1/T1 frames and MVIP,
SCAS, and H.110 buses.
• Ethernet controller with support for 10/100 Mbps MII/RMII
designed to comply with IEEE Std. 802.3™, 802.3u™, 802.3x™,
and 802.3ac™; with internal receive and transmit FIFOs and a
FIFO controller; direct access to internal memories via its own
DMA controller; full and half duplex operation; programmable
maximum frame length; virtual local area network (VLAN) tag
and priority support; retransmission of transmit FIFO following
collision; CRC generation and verification for inbound and
outbound packets; and address recognition including
promiscuous, broadcast, individual address. hash/exact match,
and multicast hash match.
• UART with full-duplex operation up to 5.0 Mbps.
• Up to 41 general-purpose input/output (GPIO) ports.
•I2C interface that allows booting from EEPROM devices up to 1
Mbyte.
• Two quad timer modules, each with sixteen configurable 16-bit
timers.
• fieldBIST™ unit detects and provides visibility into unlikely field
failures for systems with high availability to ensure structural
integrity, that the device operates at the rated speed, is free from
reliability defects, and reports diagnostics for partial or complete
device inoperability.
• Standard JTAG interface allows easy integration to system
firmware and internal on-chip emulation (OCE10) module.
• Optional booting external host via 8-bit or 16-bit access through
the HDI16, I2C, or SPI using in the boot ROM to access serial SPI
Flash/EEPROM devices; different clocking options during boot
with the PLL on or off using a variety of input frequency ranges.
Low-Cost 16-bit DSP with
DDR Controller and
10/100 Mbps Ethernet MAC


Similar Part No. - MSC7116

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC7116 FREESCALE-MSC7116 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116VF1000 FREESCALE-MSC7116VF1000 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116VM1000 FREESCALE-MSC7116VM1000 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116 FREESCALE-MSC7116_08 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
More results

Similar Description - MSC7116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Freescale Semiconductor...
MSC7110 FREESCALE-MSC7110 Datasheet
148Kb / 8P
Low-Cost 16-Bit DSP with DDR Controller
MSC7119 FREESCALE-MSC7119 Datasheet
1Mb / 56P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7116 FREESCALE-MSC7116_08 Datasheet
800Kb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
MSC7118 FREESCALE-MSC7118 Datasheet
776Kb / 60P
Low-Cost 16-bit DSP with DDR Controller
MSC7119 FREESCALE-MSC7119_08 Datasheet
1Mb / 60P
Low-Cost 16-bit DSP with DDR Controller and 10/100 Mbps Ethernet MAC
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com