Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4344 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK4344 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 24Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
[AK4344]
SYSTEM DESIGN
Figure 19 and Figure 20 shows the system connection diagram. The evaluation board is available which demonstrates
application circuits, the optimum layout, power supply arrangements and measurement results.
MCLK
1
BICK
2
SDTI
3
LRCK
4
PDN
5
CSN
6
CCLK
7
CDTI
8
TEST2
16
CDTO
15
VDD
14
VSS
13
VCOM
12
LOUT
11
ROUT
10
TEST1
9
Master Clock
AK4344
fs
24bit Audio Data
Reset & Power down
64fs
4.7u
0.1u
+
Rch Out
Lch Out
Analog Ground
Digital Ground
Analog Supply
2.7 to 3.6V
+
10u
Micro
Controller
Figure 19. Typical Connection Diagram (Mode bit = “0”, 4 wire mode )
MCLK
1
BICK
2
SDTI
3
LRCK
4
PDN
5
CSN
6
CCLK
7
CDTI
8
TEST2
16
SDTI2
15
VDD
14
VSS
13
VCOM
12
LOUT
11
ROUT
10
TEST1
9
Master Clock
AK4344
fs
24bit Audio Data1
Reset & Power down
64fs
4.7u
0.1u
+
Rch Out
Lch Out
Analog Ground
Digital Ground
Analog Supply
2.7 to 3.6V
+
10u
Micro
Controller
24bit Audio Data2
Figure 20. Typical Connection Diagram (Mode bit = “1”, 3 wire mode )
MS0641-E-00
2007/06
- 21 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com