Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4344 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK4344 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
[AK4344]
LRCK
BICK(32fs)
0 110
2 3
9
1112 13 1415 0 12 3
1
0
10
9
11 12 131415
SDTI(i)
Don't Care
1 0
15 14 13
21 0
15 14 13 12
12
Don't Care
SDTI-15:MSB, 0:LSB
SDTI(i)
15 14 13
76 543 21 0 15 14 13
15
76 543 21 0
BICK(64fs)
0 118
2 3
19 20
31 0 1 2 3
1
0
18 19 20
31
17
17
Lch Data
Rch Data
Figure 10. Mode 0 Timing
LRCK
BICK(64fs)
0 1 224
31 0 12
1
0
31
24
89
8 9
SDTI(i)
Don't Care
0
8
10
23:MSB, 0:LSB
Lch Data
Rch Data
23
8
Don't Care
23
1
Figure 11. Mode 1 Timing
LRCK
BICK(64fs)
0 1 220 21
24
31 0 12
1
0
22
20 21
31
24
22 23
23
SDTI(i)
Don't Care
0
0
23:MSB, 0:LSB
Lch Data
Rch Data
Don't Care
432 1
23 22
23 22
23
1
2
3
4
Figure 12. Mode 2 Timing
LRCK
BICK(64fs)
0 1 225
21
24
0 12
1
0
22
25
21
24
22 23
23
3
SDTI(i)
Don't Care
0
0
23:MSB, 0:LSB
Lch Data
Rch Data
Don't Care
432 1
23 22
23 22
1
2
3
4
Figure 13. Mode 3 Timing
MS0641-E-00
2007/06
- 13 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com