Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635ECB Datasheet(PDF) 32 Page - Asahi Kasei Microsystems

Part # AK4635ECB
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635ECB Datasheet(HTML) 32 Page - Asahi Kasei Microsystems

Back Button AK4635ECB Datasheet HTML 28Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 29Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 30Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 31Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 32Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 33Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 34Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 35Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 36Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 32 -
■ EXT Master Mode (PMPLL bit = “0”, M/S bit = “1”)
The AK4635 becomes EXT Master Mode by setting PMPLL bit = “0” and M/S bit = “1”. Master clock is input from the
MCKI pin, the internal PLL circuit is not operated. The clock required to operate is MCKI (256fs, 512fs or 1024fs). The
input frequency of MCKI is selected by FS1-0 bits (Table 14). The BICK is selected among 32fs or 64fs, by BCKO1-0
bits (Table 15). FCK bit should be set to “0”.
Mode
FS3-2 bits
FS1 bit
FS0 bit
MCKI Input
Frequency
Sampling Frequency
Range
0
x
0
0
256fs
7.35kHz
≤ fs ≤ 48kHz (default)
1
x
0
1
1024fs
7.35kHz
≤ fs ≤ 13kHz
2
x
1
0
512fs
7.35kHz
≤ fs ≤ 26kHz
3
x
1
1
256fs
7.35kHz
≤ fs ≤ 48kHz
Table 14. MCKI Frequency at EXT Master Mode (PMPLL bit = “0”, M/S bit = “1”) (x: Don’t care)
External Master Mode does not support Mode 0 (DSP Mode) of Audio Interface Format.
MCKI should always be present whenever the ADC, DAC, SPK or Programmable Filter is in operation (PMADC =
PMDAC = PMSPK bit = PMPFIL bits = “1”). If MCKI is not provided, the AK4635 may draw excess current and it is not
possible to operate properly because utilizes dynamic refreshed logic internally. If MCKI is not present, the ADC, DAC,
SPK and Programmable Filter should be in the power-down mode (PMADC = PMDAC = PMSPK = PMPFIL bits = “0”).
AK4635
DSP or
μP
MCKI
BICK
FCK
SDTO
SDTI
BCLK
FCK
SDTI
SDTO
MCKO
1fs
32fs, 64fs
MCLK
256fs, 512fs or 1024fs
Figure 28. EXT Master Mode
Mode
BCKO1
BCKO0
BICK Output
Frequency
0
0
0
N/A
(default)
1
0
1
32fs
2
1
0
64fs
3
1
1
N/A
Table 15. BICK Output Frequency at Master Mode (N/A: Not available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com