Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635ECB Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK4635ECB
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635ECB Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK4635ECB Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 13Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 14Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 15Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 16Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 13 -
Parameter
Symbol
min
typ
max
Units
PLL Slave Mode (PLL Reference Clock: FCK pin) (Figure 10, Figure 11)
FCK: Frequency
DSP Mode: Pulse Width High
Except DSP Mode: Duty Cycle
fFCK
tFCKH
duty
7.35
tBCK
−60
45
8
-
-
48
1/fFCK
−tBCK
55
kHz
ns
%
BICK: Period
Pulse Width Low
Pulse Width High
tBCK
tBCKL
tBCKH
1/64fFCK
0.4 x tBCK
0.4 x tBCK
-
-
-
1/16fFCK
-
-
ns
ns
ns
PLL Slave Mode (PLL Reference Clock: BICK pin) (Figure 10, Figure 11)
FCK: Frequency
DSP Mode: Pulse width High
Except DSP Mode: Duty Cycle
fFCK
tFCKH
duty
7.35
tBCK
−60
45
8
-
-
48
1/fFCK
−tBCK
55
kHz
ns
%
BICK: Period (PLL3-0 bit = “0001”)
(PLL3-0 bit = “0010”)
(PLL3-0 bit = “0011”)
Pulse Width Low
Pulse Width High
tBCK
tBCK
tBCK
tBCKL
tBCKH
-
-
-
0.4 x tBCK
0.4 x tBCK
1/16fFCK
1/32fFCK
1/64fFCK
-
-
-
-
-
-
-
ns
ns
ns
ns
ns
PLL Slave Mode (PLL Reference Clock: MCKI pin) (Figure 12)
MCKI Input: Frequency
Pulse Width Low
Pulse Width High
fCLK
fCLKL
fCLKH
11.2896
0.4/fCLK
0.4/fCLK
-
-
-
27.0
-
-
MHz
ns
ns
MCKO Output:
Frequency
Duty Cycle except fs=29.4kHz, 32kHz
fs=29.4kHz, 32kHz (Note 28)
fMCK
dMCK
dMCK
-
40
-
256 x fFCK
50
33
-
60
-
kHz
%
%
FCK: Frequency
DSP Mode: Pulse width High
Except DSP Mode: Duty Cycle
fFCK
tFCKH
duty
8
tBCK
−60
45
-
-
-
48
1/fFCK
−tBCK
55
kHz
ns
%
BICK: Period
Pulse Width Low
Pulse Width High
tBCK
tBCKL
tBCKH
1/64fFCK
0.4 x tBCK
0.4 x tBCK
-
-
-
1/16fFCK
-
-
ns
ns
ns
Audio Interface Timing
DSP Mode: (Figure 13, Figure 14)
FCK “
↑” to BICK “↑” (Note 29)
FCK “
↑” to BICK “↓” (Note 30)
BICK “
↑” to FCK “↑” (Note 29)
BICK “
↓” to FCK “↑” (Note 30)
BICK “
↑” to SDTO (BCKP bit= “0”)
BICK “
↓” to SDTO (BCKP bit= “1”)
SDTI Hold Time
SDTI Setup Time
tFCKB
tFCKB
tBFCK
tBFCK
tBSD
tBSD
tSDH
tSDS
0.4 x tBCK
0.4 x tBCK
0.4 x tBCK
0.4 x tBCK
-
-
50
50
-
-
-
-
-
-
-
-
-
-
-
-
80
80
-
-
ns
ns
ns
ns
ns
ns
ns
ns
Except DSP Mode: (Figure 16)
FCK Edge to BICK “
↑” (Note 31)
BICK “
↑” to FCK Edge (Note 31)
FCK to SDTO (MSB) (Except I2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tFCKB
tBFCK
tFSD
tBSD
tSDH
tSDS
50
50
-
-
50
50
-
-
-
-
-
-
-
-
80
80
-
-
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com