Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK4635ECB Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4635ECB
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635ECB Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4635ECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 10Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 11Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 12Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 9 -
0.345x AVDD(max)@MGAIN3-0 bits = “1001”
When the signal larger than above value is input to MICP or MICN pin, ADC does not operate normally.
Note 8. Output voltage is proportional to AVDD voltage. Vout = 0.8 x AVDD (typ)
Note 9. Input voltage is proportional to AVDD voltage. Vin = 0.06 x AVDD (typ)
Note 10. When a PLL reference clock is FCK pin in PLL Slave Mode, S/ (N+D) of MIC ADC is 75dB (typ), S/ (N+D)
of DAC AOUT is 75dB (typ).
Note 11. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ)@LOVL bit = “0”.
Note 12. The value after passing LPF (LPF : Passband is 20kHz or less, Stopband Attenuation@250kHz is –50dB or less)
Note 13. In case of measuring at between the SPP pin and SPN pin directly.
Note 14. Load impedance is total impedance of series resistance (Rseries) and piezo speaker impedance at 1kHz in
Figure 48. Load capacitance is capacitance of piezo speaker. When piezo speaker is used, 10
Ω or more series
resistors should be connected at both SPP and SPN pins, respectively.
Note 15. Maximum input voltage is in proportion to both AVDD and external input resistance (Rin). Vin = 0.6 x AVDD
x Rin/20k
Ω (typ).
Note 16. Output voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ).
Note 17. Input Voltage does not depend on AVDD voltage.
Note 18. Measurement point is A of Figure 2 and Figure 3 when Sag Compensation mode and DC Output mode.
VIN
VOTU
CLAMP
75
Ω
VSAG
LPF
GCA
+6dB
-1dB ~ +10.5dB
Step 0.5dB
Measurement point A
75
Ω
Figure 2 Measurement Point (at DC Output)
VIN
VOUT
CLAMP
75
Ω
VSAG
LPF
GCA
C1
C2
+6dB
-1dB ~ +10.5dB
Step 0.5dB
Measurement point A
75
Ω
Figure 3. Measurement Point (Using Sag Compensation circuit)
Note 19. In the case of using Sag Compensation Circuit with 47
μF+ 4.7μF and SAGC bit = “1”
Note 20. R1 and C2 compose of Low Pass Filter (LPF) in Figure 5. The cut off frequency of LPF is 10.6MHz at
C2=400pF.
VIN
VOUT
CLAMP
75
Ω
VSAG
LPF
GCA
+6dB
-1dB ~ +10.5dB
Step 0.5dB
75
Ω
CL3
CL1
R1
R2
Figure 4. Load Capacitance CL1 and CL3 (at DC Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com