Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8317IDGKT Datasheet HTML 3Page - Texas Instruments ADS8317IDGKT Datasheet HTML 4Page - Texas Instruments ADS8317IDGKT Datasheet HTML 5Page - Texas Instruments ADS8317IDGKT Datasheet HTML 6Page - Texas Instruments ADS8317IDGKT Datasheet HTML 7Page - Texas Instruments ADS8317IDGKT Datasheet HTML 8Page - Texas Instruments ADS8317IDGKT Datasheet HTML 9Page - Texas Instruments ADS8317IDGKT Datasheet HTML 10Page - Texas Instruments ADS8317IDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
PIN CONFIGURATION
1
2
3
4
8
7
6
5
V
DD
DCLOCK
D
OUT
CS/SHDN
REF
+IN
-IN
GND
ADS8317
REF
+IN
-IN
GND
V
DD
DCLOCK
D
OUT
CS/SHDN
1
2
3
4
8
7
6
5
ADS8317
(ThermalPad)
Equivalent Input Circuits (VDD = 5.0V)
R
50W
ON
C
(SAMPLE)
24pF
V
DD
I/O
GND
V
DD
ANALOGIN
GND
DiodeTurn-OnVoltage:0.35V
EquivalentAnalogInputCircuit
V
DD
REF
GND
EquivalentReferenceInputCircuit
EquivalentDigitalInput/OutputCircuit
24pF
R
50W
ON
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
DGK PACKAGE
MSOP-8
(TOP VIEW)
DRB PACKAGE(1)(2)
SON-8
(TOP VIEW)
(1)
DRB package (SON-8) available Q1, 2008.
(2)
The DRB package thermal pad must be soldered to the printed circuit board for proper thermal and mechanical
performance.
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
REF
1
Analog input
Reference input
+IN
2
Analog input
Noninverting analog input
–IN
3
Analog input
Inverting analog input
GND
4
Power-supply connection
Ground
CS/SHDN
5
Digital input
Chip select when low; Shutdown mode when high.
DOUT
6
Digital output
Serial output data word
DCLOCK
7
Digital input
Data clock synchronizes the serial data transfer and determines conversion speed.
VDD
8
Power-supply connection
Power supply
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com