Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDGKT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDGKT Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS8317IDGKT Datasheet HTML 13Page - Texas Instruments ADS8317IDGKT Datasheet HTML 14Page - Texas Instruments ADS8317IDGKT Datasheet HTML 15Page - Texas Instruments ADS8317IDGKT Datasheet HTML 16Page - Texas Instruments ADS8317IDGKT Datasheet HTML 17Page - Texas Instruments ADS8317IDGKT Datasheet HTML 18Page - Texas Instruments ADS8317IDGKT Datasheet HTML 19Page - Texas Instruments ADS8317IDGKT Datasheet HTML 20Page - Texas Instruments ADS8317IDGKT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
5
4
3
2
1
0
-1
0
0.5
1.0
1.5
2.0
2.5
V
(V)
REF
Single-EndedInput
V
=5V
DD
3.8
2.8
2.2
-0.3
0
5
4
3
2
1
0
-1
0
0.5
1.0
1.5
2.0
2.5
V
(V)
REF
DifferentialInput
V
=5V
DD
3.8
2.75
0.95
-0.3
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
0
0.25
0.50
0.75
1.00
1.25
V
(V)
REF
Single-EndedInput
1.5
1.5
0.95
-0.3
V
=2.7V
DD
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
0
0.25
0.50
0.75
1.00
1.25
V
(V)
REF
DifferentialInput
V
=2.7V
DD
1.5
1.5
0.5
-0.3
0
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
Figure 38. Single-Ended 5V Input,
Figure 40. Differential 2.7V Input,
Common Voltage Range vs VREF
Common Voltage Range vs VREF
Figure 39. Single-Ended 2.7V Input,
Figure 41. Differential 2.7V Input,
Common Voltage Range vs VREF
Common Voltage Range vs VREF
When the input is differential, the amplitude of the
In each case, care should be taken to ensure that the
input is the difference between the +IN and –IN input,
output impedance of the sources driving the +IN and
or +IN – (–IN). A voltage or signal is common to both
–IN inputs are matched. If this matching is not
of these inputs. The peak-to-peak amplitude of each
observed, the two inputs could have different settling
input is VREF about this common voltage. However,
times. This difference may result in offset error, gain
since
the
inputs
are
180
° out-of-phase, the
error, and linearity error that change with both
peak-to-peak amplitude of the difference voltage is 2
temperature and input voltage. If the impedance
× V
REF. The value of VREF also determines the range
cannot be matched, the errors can be lessened by
of the voltage that may be common to both inputs, as
giving the ADS8317 additional acquisition time.
shown in Figure 41 and Figure 40.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com