Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IDGKT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IDGKT Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS8317IDGKT Datasheet HTML 16Page - Texas Instruments ADS8317IDGKT Datasheet HTML 17Page - Texas Instruments ADS8317IDGKT Datasheet HTML 18Page - Texas Instruments ADS8317IDGKT Datasheet HTML 19Page - Texas Instruments ADS8317IDGKT Datasheet HTML 20Page - Texas Instruments ADS8317IDGKT Datasheet HTML 21Page - Texas Instruments ADS8317IDGKT Datasheet HTML 22Page - Texas Instruments ADS8317IDGKT Datasheet HTML 23Page - Texas Instruments ADS8317IDGKT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.ti.com
DIGITAL INTERFACE
Signal Levels
Data Format
Serial Interface
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
After the fifth falling DCLOCK edge, DOUT is enabled
and outputs a low value for one clock period. For the
next
16
DCLOCK
periods,
DOUT outputs
the
conversion result, most significant bit first. After the
The ADS8317 has a wide range of power-supply
least significant bit (B0) has been output, subsequent
voltage. The A/D converter, as well as the digital
clocks repeat the output data, but in a least significant
interface circuit, is designed to accept and operate
bit first format.
from
2.7V
up
to
5.5V.
This
voltage
range
accommodates
different
logic
levels.
When
the
After
the
most
significant
bit
(B15)
has
been
ADS8317 power-supply voltage is in the range of
repeated, DOUT will 3-state. Subsequent clocks have
4.5V to 5.5V (5V logic level), the ADS8317 can be
no effect on the converter. A new conversion is
connected directly to another 5V, CMOS-integrated
initiated only when CS has been taken high and
circuit. When the ADS8317 power-supply voltage is in
returned low.
the range of 2.7V to 3.6V (3V logic level), the
ADS8317 can be connected directly to another 3.3V
LVCMOS integrated circuit.
The output data from the ADS8317 are in binary twos
complement format, as shown in Table 1 and
Figure 44. The table and figure represent the ideal
The ADS8317 communicates with microprocessors
output code for the given input voltage and do not
and other digital systems via a synchronous 3-wire
include the effects of offset, gain error, or noise.
serial
interface,
as
illustrated
in
the
Timing
Information section and Timing Characteristics. The
Table 1. Ideal Input Voltages and Output Codes
DCLOCK signal synchronizes the data transfer, with
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
each bit being transmitted on the falling edge of
Full-scale range
2
× V
REF
BINARY TWOS COMPLEMENT
DCLOCK.
Most
receiving
systems
capture
the
Least significant
2
× V
REF/65536
Binary
Hex
bitstream on the rising edge of DCLOCK. However, if
bit (LSB)
Code
Code
the minimum hold time for DOUT is acceptable, the
+Full scale
+VREF – 1 LSB
0111 1111 1111 1111
7FFF
system can use the falling edge of DCLOCK to
Midscale
0V
0000 0000 0000 0000
0000
capture each bit.
Midscale – 1 LSB
0V – 1 LSB
1111 1111 1111 1111
FFFF
A falling CS signal initiates the conversion and data
–Full scale
–VREF
1000 0000 0000 0000
8000
transfer. The first 4.5 to 5.0 clock periods of the
conversion cycle are used to sample the input signal.
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com