Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IBDGKT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IBDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IBDGKT Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8317IBDGKT Datasheet HTML 10Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 11Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 12Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 13Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 14Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 15Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 16Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 17Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
25
24
23
22
21
20
19
18
17
16
-50
-25
0
25
50
75
100
Temperature( C)
°
10
1
0.1
0.01
0.001
0.0001
1
200
10
100
SamplingRate(kHz)
100
10
1
0.1
0.01
1
200
10
100
SamplingRate(kHz)
0
-20
-40
-60
-80
-100
-120
-140
-160
0
40
20
10
60
80
50
30
70
90
100
Frequency(kHz)
86
85
84
83
82
81
80
79
78
1
10
100
200
Frequency(kHz)
SINAD
SNR
0
-20
-40
-60
-80
-100
-120
-140
-160
0
40
20
10
60
80
50
30
70
90
100
Frequency(kHz)
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS: VDD = +2.7V (continued)
At TA = 25°C, VREF = 1.25V, fSAMPLE = 200kHz, fCLK = 24 × fSAMPLE, unless otherwise noted.
POWER-DOWN CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs SAMPLING RATE
Figure 26.
Figure 27.
REFERENCE CURRENT
FREQUENCY SPECTRUM
vs SAMPLING RATE
(8192 Point FFT, fIN = 1.9775kHz, –0.2dB)
Figure 28.
Figure 29.
SIGNAL-TO-NOISE RATIO
FREQUENCY SPECTRUM
AND SIGNAL-TO-NOISE + DISTORTION
(8192 Point FFT, fIN = 9.9854kHz, –0.2dB)
vs INPUT FREQUENCY
Figure 30.
Figure 31.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com