Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IBDGKT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IBDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IBDGKT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8317IBDGKT Datasheet HTML 12Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 13Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 14Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 15Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 16Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 17Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 18Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 19Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
THEORY OF OPERATION
ANALOG INPUT
ADS8317
ADS8317
Single-EndedInput
Common
Voltage
2
V
´
REF
Peak-to-Peak
DifferentialInput
Common
Voltage
V
REF
Peak-to-Peak
V
REF
Peak-to-Peak
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
The digital data that are provided on the DOUT pin are
The ADS8317 is a classic Successive Approximation
for the conversion currently in progress—there is no
Register (SAR) analog-to-digital (A/D) converter. The
pipeline delay. It is possible to continue to clock the
architecture is based on capacitive redistribution that
ADS8317 after the conversion is complete and to
inherently includes a sample-and-hold function. The
obtain the serial data least significant bit first. See the
converter is fabricated on a 0.6
μ CMOS process. The
Digital Timing section for more information.
architecture
and
fabrication
process
allow
the
ADS8317 to acquire and convert an analog signal at
up
to
250,000
conversions
per
second
while
consuming less than 10mW from VDD.
The analog input is bipolar and fully differential. There
are two general methods of driving the analog input
Differential
linearity
for
the
ADS8317
is
of the ADS8317: single-ended or differential, as
factory-adjusted via a package-level trim procedure.
shown in Figure 37. When the input is single-ended,
The state of the trim elements is stored in non-volatile
the –IN input is held at a fixed voltage. The +IN input
memory and is continuously updated after each
swings
around
the
same
voltage
and
the
acquisition cycle, just prior to the start of the
peak-to-peak amplitude is 2
× V
REF. The value of
successive approximation operation. This process
VREF determines the range over which the common
ensures that one complete conversion cycle always
voltage may vary, as shown in Figure 39 and
returns the part to its factory-adjusted state in the
Figure 38.
event of a power interruption.
The ADS8317 requires an external reference, an
external clock, and a single power source (VDD). The
external reference can be any voltage between 0.1V
and VDD/2. The value of the reference voltage directly
sets the range of the analog input. The reference
input current depends on the conversion rate of the
ADS8317.
The external clock can vary between 24kHz (1kHz
throughput) and 6.0MHz (250kHz throughput). The
duty cycle of the clock is not significant, as long as
the minimum high and low times are at least 200ns
(VDD = 4.75V or greater). The minimum clock
frequency is set by the leakage on the internal
capacitors to the ADS8317.
The analog input is provided to two input pins: +IN
and
–IN.
When
a
conversion
is
initiated,
the
differential input on these pins is sampled on the
Figure 37. Methods of Driving the
internal capacitor array. While a conversion is in
ADS8317—Single-Ended or Differential
progress, both inputs are disconnected from any
internal function.
The digital result of the conversion is clocked out by
the DCLOCK input and is provided serially (most
significant bit first) on the DOUT pin.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com